Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1821 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # SSD1821
Description  LCD Segment / Common Driver with Controller CMOS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1821 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button SSD1821 Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
SOLOMON
SSD1820A/21
33
REV 1.4
01/03
SSD1821 DIE
(DIE FACE UP)
SEG0 -------------------------------- SEG127
DISPLAY PANEL SIZE
128 x 80 + 2 ICON LINES
80 MUX
Segment Remapped
[Command: A1]
External Vcc=10.8V
Remapped COM
SCAN Direction
[Command: C8]
Application Circuit: Bias divider enabled with external VCC.
VL2 VL3 VL4 VL5
VDD=2.7V
Optional for External
Resistors Gain Control
[INTRS pulled to VSS]
0.47
µF - 2.0µF
R1
R2
VL6
VR
VSS
NC
COM6
COM7
:
:
:
COM20
COM19
:
:
:
COM30
COM31
NC
NC
COM47
COM48
:
:
:
COM52
COM53
:
:
:
COM71
COM72
NC
Remapped COM
SCAN Direction
[Command: C8]
COM40
:
COM47
COM48
:
COM73
COM74
:
COM79
ICONS
ICONS
COM0
:
COM6
COM7
:
COM32
COM33
:
COM39
Remapped COM
SCAN Direction
[Command: C8]
Remapped COM
SCAN Direction
[Command: C8]
Remapped COM
SCAN Direction
[Command: C8]
Remapped COM
SCAN Direction
[Command: C8]
See Application Notes
on P.35
Five captacitors and four
optional resistors for large
loading panel.
See description on P.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com