Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1821 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SSD1821
Description  LCD Segment / Common Driver with Controller CMOS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1821 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SSD1821 Datasheet HTML 1Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 2Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
SOLOMON
SSD1820A/21
5
REV 1.4
01/03
N/C
N/C
:
N/C
CL
VSS
VR
VR
VL6
VL6
VL6
VL5
VL5
VL5
VL4
VL4
VL4
VL3
VL3
VL3
VL2
VL2
VL2
VSS
INTRS
VDD
VEXT
REF
VSS
C4P
C4P
C4P
C2N
C2N
C2N
C2N
C2P
C2P
C2P
C1P
C1P
C1P
C1N
C1N
C1N
C1N
C3P
C3P
C3P
N/C
N/C
N/C
VCC
VCC
VCC
VCC
VSS
VSS
VSS
VSS
VSS
VSS
VCI
VCI
VCI
VCI
VCI
VDD
VDD
VDD
D7 (SDA)
D7 (SDA)
D6 (SCK)
D6 (SCK)
D5
D4
D3
D2
D1
D0
VDD
E(/RD)
E(/RD)
R/W(/WR)
R/W(/WR)
VSS
D/C
D/C
D/C
/RES
VDD
/CS
/CS
VSS
PS1
VDD
VSS
PS0
VDD
N/C
N/C
:
:
N/C
N/C
COM5
COM4
COM3
COM2
COM1
COM0
ICONS
SEG0
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
SEG8
SEG9
SEG10
SEG11
SEG12
SEG13
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
SEG113
SEG114
SEG115
SEG116
SEG117
SEG118
SEG119
SEG120
SEG121
SEG122
SEG123
SEG124
SEG125
SEG126
SEG127
COM32
COM33
COM34
COM35
COM36
COM37
COM38
Die Size: 10.8mm x 1.96mm
:
:
:
1
115
144
285
Die Thickness: 534um +/- 25um
Note:
1. Diagram showing the face of the die.
2. Coordinates are reference to center of the chip.
3. Unit of coordinates and Size of all alignment
marks are in um.
4. All alignment keys do not contain gold bump.
Bump Height: 18um +/- 3um
SSD1820AZ Die Pin Assignment
Pin#1
DRAWING NOT TO SCALE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com