Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1821 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # SSD1821
Description  LCD Segment / Common Driver with Controller CMOS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1821 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button SSD1821 Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 38Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 39Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 40Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
SOLOMON
SSD1820A/21
37
REV 1.4
01/03
NOTES
1.
GENERAL TOLERANCE: ±0.050MM
2.
ALL CHAMFER IS R0.20
3.
MATERIAL
PI: UPILEX-S 75um+6 THICKNESS
ADHESIVE: TORAY #7100 12um±2 THICKNESS
CU: FQ-VLP 18um
FLEX COATING: FS-100
SOLDER RESIST: AE-70-M11 26±14um
4.
PLATING
SN: 0.35±0.05um
5.
OPTIONAL FEATURE FOR SSL EXTERNAL USE ONLY WHICH MAY BE REPLACED BY
Ø2.0MM HOLE
6.
4 SPROCKET HOLES (19.00mm)FOR 1 TAPE
SSD1820AT TAB PACKAGE DIMENSION (1 OF 3)
DO NOT SCALE THIS DRAWING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com