Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD1 Datasheet (PDF) - STMicroelectronics

STLD1 Datasheet PDF - STMicroelectronics
Part # STLD1
Download  STLD1 Download
File Size   681.66 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Power-line communication dual line driver

STLD1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STLD1 Datasheet PDF - STMicroelectronics

Part # STLD1
Download  STLD1 Click to download

File Size   681.66 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Power-line communication dual line driver

STLD1 Datasheet (HTML) - STMicroelectronics


STLD1 Product details

Description
The STLD1 line driver is a low-distortion, high-current dual power amplifier specifically designed for power-line communication applications, where high output current drives the AC power-line loads. Operating on a single 8-18 V supply, the STLD1 can deliver high output current up to 1.5 ARMS and an output voltage swing-up to 18 V peak-to-peak single-ended / 36 V peak-to-peak differential. The STLD1 features a very low output impedance (down to 0.1 Ω in the typical configuration) to ensure efficient transfer of power to very low impedance loads, typically between 5 Ω and 100 Ω. The device has very low in-band and out-of-band two-tone intermodulation distortion (IM3) as well as very high spurious-free dynamic range (SFDR) to guarantee and meet CENELEC, ARIB and FCC emission requirements. It also features thermal shutdown as well as current sense output. Product status link STLD1

Features
■ Dual line driver suitable for differential or single-ended configuration
■ Up to 18 V p-p single-ended, 36 V p-p differential output range
■ Very high linearity for EMC compliance
■ Externally configurable power amplifier topology
■ Up to 1.5 ARMS max. current
■ Embedded overtemperature protection
■ Suitable for any narrow-band power-line communication (PLC) applications
■ Available in QFN24 (4x4x1 mm) package
■ -40 °C to +105 °C temperature range

Applications
■ Smart metering, smart grid and Internet of Things applications
■ Suitable for application designs compliant with CENELEC, FCC and ARIB regulations




Similar Part No. - STLD1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLD110N10F7 STMICROELECTRONICS-STLD110N10F7 Datasheet
1Mb / 13P
N-channel 100 V, 5 mΩ typ., 107 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 dual side cooling package
26-Feb-2019
STLD125N4F6AG STMICROELECTRONICS-STLD125N4F6AG Datasheet
632Kb / 12P
Automotive N-channel 40 V, 2.4 mΩ typ., 120 A STripFET™F6 Power MOSFET in a PowerFLAT™5x6 dual side cooling
16-Feb-2016
STLD128DNT4 STMICROELECTRONICS-STLD128DNT4 Datasheet
425Kb / 14P
High voltage fast-switching NPN power transistor
01-Oct-2009
More results


Similar Description - STLD1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75150 NSC-DS75150 Datasheet
103Kb / 6P
Dual Line Driver
logo
Texas Instruments
SN75150 TI-SN75150 Datasheet
101Kb / 7P
DUAL LINE DRIVER
logo
Intersil Corporation
ISL1571 INTERSIL-ISL1571 Datasheet
37Kb / 2P
Power Line Communication PLC
ISL1572 INTERSIL-ISL1572 Datasheet
37Kb / 2P
Power Line Communication PLC
logo
ON Semiconductor
NCN49597MNG ONSEMI-NCN49597MNG Datasheet
293Kb / 29P
Power Line Communication Modem
May, 2014 ??Rev. 1
NCN49599 ONSEMI-NCN49599_15 Datasheet
451Kb / 35P
Power Line Communication Modem
August, 2015 ??Rev. P3
NCN49597 ONSEMI-NCN49597_17 Datasheet
297Kb / 30P
Power Line Communication Modem
January, 2017 ??Rev. 4
NCN49599 ONSEMI-NCN49599_17 Datasheet
437Kb / 35P
Power Line Communication Modem
January, 2017 ??Rev. P5
logo
Renesas Technology Corp
ISL1572 RENESAS-ISL1572 Datasheet
181Kb / 2P
Power Line Communication (PLC)
ISL1571 RENESAS-ISL1571 Datasheet
624Kb / 14P
Power Line Communication (PLC)
Nov.7.19
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com