Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD1 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLD1
Description  Power-line communication dual line driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD1 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLD1 Datasheet HTML 5Page - STMicroelectronics STLD1 Datasheet HTML 6Page - STMicroelectronics STLD1 Datasheet HTML 7Page - STMicroelectronics STLD1 Datasheet HTML 8Page - STMicroelectronics STLD1 Datasheet HTML 9Page - STMicroelectronics STLD1 Datasheet HTML 10Page - STMicroelectronics STLD1 Datasheet HTML 11Page - STMicroelectronics STLD1 Datasheet HTML 12Page - STMicroelectronics STLD1 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
5
Device characteristics
5.1
Thermal protection
Any overtemperature event forces the line driver to self-disable the power amplifiers, thus preventing the STLD1
from damage. The thermal feedback is provided on THERM pin by a current that is N times the IBIAS_IN input
current, according to the relationship described in the following table.
Table 7. Thermal current level vs. junction temperature
I(THERMAL)
Junction temperature level
0 x I(IBIAS_IN)
Tj < T1
1 x I(IBIAS_IN)
T1 < Tj < T2
2 x I(IBIAS_IN)
T2 < Tj < T3
3 x I(IBIAS_IN)
T3 < Tj < T4
4 x I(IBIAS_IN)
Tj > T4
5.2
Current feedback
Current sense feedback is provided by CSF_OUT current output, proportional to the LD output current. The
CSF_OUT current is converted into voltage by a resistor and compared with the current limit threshold set at
system level.
5.3
Power management
The STLD1 operates from a single 8-18 V external supply. It directly supplies the power amplifiers and the internal
5 V linear regulator for the analog and control circuitry. The block diagram for the power management is shown in
the figure below.
Figure 6. Power supply scheme
5 V
Linear
Reg.
PVCC
VCC
AVDD_5V
AGND
PGND
PA1_OUT
Power
amplifiers
PA2_OUT
+
8 V to
18 V
Internal
circuitry
STLD1
Device characteristics
DS12339 - Rev 2
page 10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com