Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLD1
Description  Power-line communication dual line driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD1 Datasheet(HTML) 4 Page - STMicroelectronics

  STLD1 Datasheet HTML 1Page - STMicroelectronics STLD1 Datasheet HTML 2Page - STMicroelectronics STLD1 Datasheet HTML 3Page - STMicroelectronics STLD1 Datasheet HTML 4Page - STMicroelectronics STLD1 Datasheet HTML 5Page - STMicroelectronics STLD1 Datasheet HTML 6Page - STMicroelectronics STLD1 Datasheet HTML 7Page - STMicroelectronics STLD1 Datasheet HTML 8Page - STMicroelectronics STLD1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Pin
Name
Description
15
PA2_INP
Power amplifier 2 positive input
16
PA2_INN
Power amplifier 2 negative input
17
RSV1
Reserved - leave floating
18
RSV2
Reserved - connect to AGND
19
RSV3
Reserved - connect to AGND
20
THERM
Thermal feedback current output
21
IBIAS_IN
Reference current input
22
TX_ON_2
Enable for power amplifier 2 (active high)
Force low to set PA2_OUT to Hi-Z ( approx. 30 kΩ )
23
TX_ON_1
Enable for power amplifier 1 (active high)
Force low to set PA1_OUT to Hi-Z ( approx. 30 kΩ )
24
PVCC
Power amplifier supply input
25
Exposed pad
It has to be connected to an AGND ground plane on PCB
STLD1
Pin descriptions
DS12339 - Rev 2
page 4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com