Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLD1
Description  Power-line communication dual line driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD1 Datasheet(HTML) 1 Page - STMicroelectronics

  STLD1 Datasheet HTML 1Page - STMicroelectronics STLD1 Datasheet HTML 2Page - STMicroelectronics STLD1 Datasheet HTML 3Page - STMicroelectronics STLD1 Datasheet HTML 4Page - STMicroelectronics STLD1 Datasheet HTML 5Page - STMicroelectronics STLD1 Datasheet HTML 6Page - STMicroelectronics STLD1 Datasheet HTML 7Page - STMicroelectronics STLD1 Datasheet HTML 8Page - STMicroelectronics STLD1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
QFN24 (4x4 mm)
Features
•
Dual line driver suitable for differential or single-ended configuration
•
Up to 18 V p-p single-ended, 36 V p-p differential output range
•
Very high linearity for EMC compliance
•
Externally configurable power amplifier topology
•
Up to 1.5 ARMS max. current
•
Embedded overtemperature protection
•
Suitable for any narrow-band power-line communication (PLC) applications
•
Available in QFN24 (4x4x1 mm) package
•
-40 °C to +105 °C temperature range
Applications
•
Smart metering, smart grid and Internet of Things applications
•
Suitable for application designs compliant with CENELEC, FCC and ARIB
regulations
Description
The STLD1 line driver is a low-distortion, high-current dual power amplifier
specifically designed for power-line communication applications, where high output
current drives the AC power-line loads.
Operating on a single 8-18 V supply, the STLD1 can deliver high output current up to
1.5 ARMS and an output voltage swing-up to 18 V peak-to-peak single-ended / 36 V
peak-to-peak differential.
The STLD1 features a very low output impedance (down to 0.1 Ω in the typical
configuration) to ensure efficient transfer of power to very low impedance loads,
typically between 5 Ω and 100 Ω.
The device has very low in-band and out-of-band two-tone intermodulation distortion
(IM3) as well as very high spurious-free dynamic range (SFDR) to guarantee and
meet CENELEC, ARIB and FCC emission requirements.
It also features thermal shutdown as well as current sense output.
Product status link
STLD1
Order code
Package
Packing
STLD1
QFN24 (4x4
x1 mm)
Tray
STLD1TR
Tape and
reel
Power-line communication dual line driver
STLD1
Datasheet
DS12339 - Rev 2 - June 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STLD1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLD110N10F7 STMICROELECTRONICS-STLD110N10F7 Datasheet
1Mb / 13P
N-channel 100 V, 5 mΩ typ., 107 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 dual side cooling package
26-Feb-2019
STLD125N4F6AG STMICROELECTRONICS-STLD125N4F6AG Datasheet
632Kb / 12P
Automotive N-channel 40 V, 2.4 mΩ typ., 120 A STripFET™F6 Power MOSFET in a PowerFLAT™5x6 dual side cooling
16-Feb-2016
STLD128DNT4 STMICROELECTRONICS-STLD128DNT4 Datasheet
425Kb / 14P
High voltage fast-switching NPN power transistor
01-Oct-2009
More results

Similar Description - STLD1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75150 NSC-DS75150 Datasheet
103Kb / 6P
Dual Line Driver
logo
Texas Instruments
SN75150 TI-SN75150 Datasheet
101Kb / 7P
DUAL LINE DRIVER
logo
Intersil Corporation
ISL1571 INTERSIL-ISL1571 Datasheet
37Kb / 2P
Power Line Communication PLC
ISL1572 INTERSIL-ISL1572 Datasheet
37Kb / 2P
Power Line Communication PLC
logo
ON Semiconductor
NCN49597MNG ONSEMI-NCN49597MNG Datasheet
293Kb / 29P
Power Line Communication Modem
May, 2014 ??Rev. 1
NCN49599 ONSEMI-NCN49599_15 Datasheet
451Kb / 35P
Power Line Communication Modem
August, 2015 ??Rev. P3
NCN49597 ONSEMI-NCN49597_17 Datasheet
297Kb / 30P
Power Line Communication Modem
January, 2017 ??Rev. 4
NCN49599 ONSEMI-NCN49599_17 Datasheet
437Kb / 35P
Power Line Communication Modem
January, 2017 ??Rev. P5
logo
Renesas Technology Corp
ISL1572 RENESAS-ISL1572 Datasheet
181Kb / 2P
Power Line Communication (PLC)
ISL1571 RENESAS-ISL1571 Datasheet
624Kb / 14P
Power Line Communication (PLC)
Nov.7.19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com