Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLD1
Description  Power-line communication dual line driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD1 Datasheet(HTML) 5 Page - STMicroelectronics

  STLD1 Datasheet HTML 1Page - STMicroelectronics STLD1 Datasheet HTML 2Page - STMicroelectronics STLD1 Datasheet HTML 3Page - STMicroelectronics STLD1 Datasheet HTML 4Page - STMicroelectronics STLD1 Datasheet HTML 5Page - STMicroelectronics STLD1 Datasheet HTML 6Page - STMicroelectronics STLD1 Datasheet HTML 7Page - STMicroelectronics STLD1 Datasheet HTML 8Page - STMicroelectronics STLD1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
3
Absolute maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
PVCC, VCC
Line driver supply voltage range
PGND -0.3
20
V
AVDD_5V
5 V internal regulator voltage range
AGND -0.3
Min. (5.5, PVCC +0.3)
V
AGND - PGND
Variations between different ground pins
-0.3
+0.3
V
PA_OUT
PA output pin voltage range
PGND -0.3
Min. (20, PVCC +0.3)
V
PA_IN
PA input pin voltage range
AGND -0.3
Min. (20, VCC +0.3)
V
PA_INP - PA_INN
PA input differential voltage on the same amplifier
-11
11
V
All other pins
AGND -0.3 Min. (5.5, AVDD_5V + 0.3)
V
V(ESD)
Maximum withstanding voltage range, ANSI-ESDA-
JEDEC_JS-001 human body model acceptance criteria:
“normal performance”
-2
+2
kV
I(PA_OUT)
PA repetitive RMS current
1.5
Arms
Table 3. Thermal characteristics
Symbol
Parameter
Min.
Max.
Unit
T(J)
Operating junction temperature
150
°C
Peak junction temperature
170
TAMB
Operating ambient temperature
-40
105
TSTG
Storage temperature
-50
150
Table 4. Thermal data
Symbol
Parameter
Conditions
Typ. Unit
RthJA
Maximum thermal resistance
junction-ambient steady-state
Mounted on a 2s2p PCB, with a dissipating surface, connected
through vias, on the bottom side of the PCB
35
°C/W
Pd
Continuous power dissipation
Ta = 70 °C
2.3
W
STLD1
Maximum ratings
DS12339 - Rev 2
page 5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com