Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet (PDF) - STMicroelectronics

STUSB1602 Datasheet PDF - STMicroelectronics
Part # STUSB1602_V01
Download  STUSB1602 Download
File Size   614.37 Kbytes
Page   39 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description USB Type-C™ controller with TX/RX line driver and BMC

STUSB1602 Datasheet (PDF)

Go To PDF Page Download Datasheet
STUSB1602 Datasheet PDF - STMicroelectronics

Part # STUSB1602_V01
Download  STUSB1602 Click to download

File Size   614.37 Kbytes
Page   39 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description USB Type-C™ controller with TX/RX line driver and BMC

STUSB1602 Datasheet (HTML) - STMicroelectronics


STUSB1602 Product details

Description
The STUSB1602 is a generic IC, in a 20 V technology it addresses a USB Type-C™ port management both for source, sink and dual role devices, with or without USB data. It is designed for a broad range of applications and can handle the following USB Type-C functions: attach detection, plug orientation detection, host to device connection, VCONN support, and VBUS configuration. It also provides a USB PD TX/RX line driver and a BMC (bi-phase mark coding) transceiver which enable USB PD communication through an external MCU. Device summary

Features
■ Type-C™ attach and cable orientation detection
■ Power role support: source/sink/DRP
■ Integrated power switch for VCONN supply: – programmable current limit up to 600 mA – overcurrent, overvoltage, and thermal protection – undervoltage lockout
■ Integrated VBUS voltage monitoring
■ Integrated VBUS and VCONN discharge path
■ Integrated BMC transceiver
■ VBUS switch gate driver
■ Short-to-VBUS protection on CC
■ Dual power supply (VSYS and/or VDD): – VSYS = [3.0 V; 5.5 V] – VDD = [4.1 V; 22 V]
■ Compliant with: – USB Type-C™ rev 2.0 – USB PD rev 3.0
■ Certified: – Source: TID 1070031 – Sink PPS: TID 5477

Applications
■ Power hubs and docking stations
■ Smartphones, tablets and gimbal stabilizers
■ Gaming, PNDs and drones
■ Cameras, camcorders, and MP3 players
■ Smart plugs, wall adapters, and chargers
■ Power sourcing devices (PoE)
■ Power sinking hosts
■ PPS applications
■ Any source or sink or dual role device




Similar Part No. - STUSB1602_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STUSB1602 STMICROELECTRONICS-STUSB1602 Datasheet
1Mb / 55P
Power hubs and docking stations
05-Apr-2017
More results


Similar Description - STUSB1602_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65986 TI1-TPS65986 Datasheet
2Mb / 109P
USB Type-C and USB PD Controller and Power Switch
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
USB Type-C and USB PD Source Controller
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
USB Type-C and USB PD Source Controller
TPS65987D TI1-TPS65987D Datasheet
1Mb / 68P
USB Type-C and USB PD Controller with Integrated Power Switches
TPS65987D TI1-TPS65987D_18 Datasheet
2Mb / 73P
USB Type-C and USB PD Controller with Integrated Power Switches
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
logo
Richtek Technology Corp...
RT7205A RICHTEK-RT7205A Datasheet
642Kb / 36P
Programmable SMPS and USB Type-C Controller
logo
Texas Instruments
TPS65987DDJ TI1-TPS65987DDJ Datasheet
2Mb / 72P
USB Type-C and USB PD Controller with Integrated Power Switches
logo
ON Semiconductor
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
logo
STMicroelectronics
STUSB1702 STMICROELECTRONICS-STUSB1702 Datasheet
610Kb / 38P
USB Type-CTM source controller with TX/RX line driver and BMC
06-Jul-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com