Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STUSB1602
Description  USB Type-C™ controller with TX/RX line driver and BMC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STUSB1602_V01 Datasheet HTML 4Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 5Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 6Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 7Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 8Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 9Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 10Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 11Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
3
General description
3.1
CC interface
The STUSB1602 controls the connection to the configuration channel (CC) pins, CC1 and CC2, through two main
blocks: the CC line interface block and the CC control logic block.
The CC line interface block is used to:
Configure termination mode on the CC pins relative to the power mode supported i.e. pull-up for source
power role
Monitor the CC pin voltage values relative to the attachment detection thresholds
Configure VCONN on the unconnected CC pin when required
Protect the CC pins against overvoltage
The CC control logic block is used to:
Execute the Type-C FSM relative to the Type-C power mode supported
Determine the electrical state for each CC pin relative to the detected thresholds
Evaluate the conditions relative to the CC pin states and the VBUS voltage value to transition from one state
to another in the Type-C FSM
Detect and establish a valid source-to-sink connection
Determine the attached device mode: source, sink or accessory
Determine cable orientation to allow external routing of the USB data
Manage VBUS power capability: USB default, Type-C medium or Type-C high current mode
Handle hardware faults
The CC control logic block implements the Type-C FSMs corresponding to the following Type-C power modes:
Source power role with accessory support
Sink power role with accessory support
Sink power role without accessory support
Dual power role with accessory support
The default Type-C power mode is selected through NVM programming (see Section 6 Start-up configuration)
and can be changed by software during operation through the I²C interface.
3.2
BMC interface
Figure 3. BMC interface
STUSB1602
General description
DS11254 - Rev 5
page 8/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com