Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STUSB1602
Description  USB Type-C™ controller with TX/RX line driver and BMC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STUSB1602_V01 Datasheet HTML 9Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 10Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 11Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 12Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 13Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 14Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 15Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 16Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Figure 4. VCONN to CC1 and CC2 power switch protections
Current limit programming
The current limit can be set within the range 100 mA to 600 mA by a step of 50 mA. The default current limit is
programmed through NVM programming (see Section 6 Start-up configuration) and can be changed by software
through the I²C interface. At power-on or after a reset, the current limit takes the default value preset in the NVM.
Fault management
The table below summarizes the different fault conditions that could occur during switch operation and the
associated responses. An I²C alert is generated when a fault condition happens.
Table 7. Fault management conditions
Fault types
Fault conditions
Expected actions
Short-circuit
CC output pin shorted to ground via
very low resistive path causing rapid
current surge
Power switch limits the current and reduces the output voltage. I²C
alert is asserted immediately thanks to VCONN_SW_OCP_FAULT
bits
Overcurrent
CC output pin connected to a load
that sinks current above programmed
limit
Power switch limits the current and reduces the output voltage. I²C
alert is asserted immediately thanks to VCONN_SW_OCP_FAULT
bits
Overheating
Junction temperature exceeding 145
°C due to any reason
Power switch is disabled immediately until the temperature falls
below 145 °C minus hysteresis of 15 °C. I²C alert is asserted
immediately thanks to THERMAL_FAULT bit. The STUSB1602 goes
into transient error recovery state
Undervoltage
VCONN input voltage drops below
UVLO threshold minus hysteresis
Power switch is disabled immediately until the input voltage rises
above the UVLO threshold. I²C alert is asserted immediately thanks
to VCONN_PRESENCE bit
Overvoltage
CC output pin voltage exceeds
maximum operating limit of 6.0 V
Power switch is opened immediately until the voltage falls below
the voltage limit. I²C alert is asserted immediately thanks to
VCONN_SW_OVP_FAULT bits
Reverse current
CC output pin voltage exceeds
VCONN input voltage when the power
switch is turned off
The reverse biased body diode of the back- to-back MOS switches is
naturally disabled preventing current from flowing from CC output pin
to the input
STUSB1602
VCONN supply
DS11254 - Rev 5
page 13/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com