Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STUSB1602
Description  USB Type-C™ controller with TX/RX line driver and BMC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STUSB1602_V01 Datasheet HTML 16Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 17Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 18Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 19Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 20Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 21Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 22Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 23Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
6
Start-up configuration
6.1
User-defined parameters
The STUSB1602 has a set of user-defined parameters that can be customized by NVM reprogramming and/or by
software through the I²C interface. This feature allows the customer to change the preset configuration of the USB
Type-C interface and to define a new configuration to meet specific customer requirements addressing various
applications, use cases, or specific implementations.
The NVM re-programming overrides the initial default setting to define a new default setting that is used at
power-up or after a reset. The default value is copied at power-up, or after a reset, from the embedded NVM into
dedicated I²C register bits. The NVM re-programming is possible only once with a customer password.
When a default value is changed during functioning by software, the new setting remains in effect as long as
the STUSB1602 runs or when it is changed again. But after power- off and power-up, or after a reset, the
STUSB1602 takes back the default values defined in the NVM.
6.2
Default start-up configuration
The table below lists the user-defined parameters and indicates the default start-up configuration of the
STUSB1602.
Three types of user-defined parameters are specified in the table with respect to the “Customization type” column:
SW: indicates parameters that can be customized only by software through the I²C interface during system
operation
NVM: indicates parameters that can be customized only by NVM re-programming
NVM/SW: indicates parameters that can be customized by NVM re-programming and/or by software through
the I²C interface during system operation
Table 14. STUSB1602 user-defined parameters and default setting
Customization type
Parameter
Default value and description
I²Cregister
address
NVM/SW
CC_CONNECTION_STATUS_AL_MASK
1b: interrupt masked
0Ch
NVM/SW
MONITORING_STATUS_AL_MASK
1b: interrupt masked
0Ch
NVM/SW
HW_FAULT_STATUS_AL_MASK
1b: interrupt masked
0Ch
NVM
STANDBY_POWER_MODE_DISABLE
1b: disables standby power mode
n.a.
NVM/SW
CC_POWER_MODE
011b: dual power role with accessory
support
28h
NVM/SW
CC_CURRENT_ADVERTISED
01b: 1.5 A
18h
NVM/SW
CC_VCONN_DISCHARGE_EN
0b: VCONN discharge disabled on CC pin
18h
NVM/SW
CC_VCONN_SUPPLY_EN
1b: VCONN supply capability enabled on
CC pin
18h
NVM/SW
CC_VCONN_SWITCH_ILIM
0000b: 350 mA
1Eh
SW
VCONN_MONITORING_EN
1b: enables UVLO threshold detection on
VCONN pin
20h
SW
VCONN_UVLO_THRESHOLD
0b: high UVLO threshold of 4.65 V
20h
NVM/SW
SHIFT_HIGH_VBUS_LIMIT_SOURCE
0101b: in source power role, shifts
nominal high voltage limit by 5% of VBUS
22h
NVM/SW
SHIFT_LOW_VBUS_LIMIT_SOURCE
0101b: in source power role, shifts
nominal low voltage limit by -5% of VBUS
22h
STUSB1602
Start-up configuration
DS11254 - Rev 5
page 20/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com