Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STUSB1602
Description  USB Type-C™ controller with TX/RX line driver and BMC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STUSB1602_V01 Datasheet HTML 22Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 23Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 24Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 25Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 26Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 27Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 28Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 29Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
8
Electrical characteristics
8.1
Absolute maximum ratings
All voltages are referenced to GND.
Table 18. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
Supply voltage
28
V
VSYS
Supply voltage on VSYS pin
6
VCC1, VCC2, VCC1DB, VCC2DB
High voltage on CC pins
22
VVBUS_EN_SRC, VVBUS_EN_SNK, VVBUS_SENSE
High voltage on VBUS pins
28
VSCL, VSDA, VALERT#, VRESET, VA_B_SIDE
VMOSI, VMISO, VNSS, VTX_EN, VSCLK
Operating voltage on I/O pins
-0.3 to 6
VCONN
VCONN voltage
6
TSTG
Storagetemperature
-55 to 150
°C
TJ
Maximum junction temperature
145
ESD
HBM
4
kV
CDM
1.5
8.2
Operating conditions
Table 19. Operating conditions
Symbol
Parameter
Value
Unit
VDD
Supply voltage
4.1 to 22
V
VSYS
Supply voltage on VSYS pin
3.0 to 5.5
VCC1, VCC2, VCC1DB, VCC2DB
CC pins
-0.3 to 5.5
VVBUS_EN_SRC, VVBUS_EN_SNK,VVBUS_SENSE
High voltage pins
0 to 22
VSCL, VSDA, VALERT#, VRESET, VA_B_SIDE
VMOSI, VMISO, VNSS, VTX_EN, VSCLK
Operating voltage on I/O pins
0 to 4.5
VCONN
VCONN voltage
2.7 to 5.5
ICONN
VCONN rated current (default = 0.35 A)
0.1 to 0.6
A
TA
Operating temperature
-40 to 105
°C
Note:
The transient voltage on the CC1 and CC2 pins drops to -0.3 during BMC communication.
STUSB1602
Electrical characteristics
DS11254 - Rev 5
page 26/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com