Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STUSB1602
Description  USB Type-C™ controller with TX/RX line driver and BMC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STUSB1602_V01 Datasheet HTML 20Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 21Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 22Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 23Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 24Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 25Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 26Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 27Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
I²C register
address
I²C register field name
I²C register reset value/description
Customization type
2Eh
VDD_UVLO_DISABLE
1b: disables UVLO threshold detection on VDD pin
SW
1. Italic text indicates this parameter is customized by NVM re-programming.
Table 16. Conditions for VBUS power path assertion in source power role
Pin
Electrical
value
Operation conditions
Comment
Type-C attached state
VDD pin monitoring
VBUS_SENSEpin
monitoring
VBUS_EN_SRC
0
Attached.SRC or
UnorientedDebug
Accessory.SRC
or OrientedDebug
Accessory.SRC
VDD < OVLO if VDD
pin is supplied
VBUS within valid voltage
range
The signal is asserted
only if all the valid
operation conditions are
met
HiZ
Anyother state
VDD > OVLO if VDD
pin is supplied
VBUS is out ofvalid voltage
range
The signal is de-asserted
when at least one non
valid operation condition
is met.
Table 17. Source power role with accessory support
Connection
state
CC1
pin
CC2
pin
Type-C device state
CC_OPERATION_STATUS
register @11h
A_B_SIDE
pin
VCONN
supply
VBUS_EN_SRC
pin
CC_CONNECTION_STATUS
register @0Eh
Nothing attached Open
Open
Unattached.SRC
HiZ
OFF
HiZ
00h
Sink attached
Rd
Open
Attached.SRC
HiZ
OFF
0
2Dh
Open
Rd
0
OFF
0
2Dh
Powered cable
withoutsink
attached
Open
Ra
Unattached.SRC
HiZ
OFF
HiZ
00h
Ra
Open
HiZ
OFF
HiZ
00h
Powered cable
with sink
attached or
VCONN-
powered
accessory
attached
Rd
Ra
Attached.SRC
HiZ
CC2
0
2Fh
Ra
Rd
0
CC1
0
2Fh
Debug
accessory mode
attached source
role
Rp
Rp
Unattached.SRC
HiZ
OFF
HiZ
00h
Debug
accessory mode
attached sink
role
Rd
Rd
UnorientedDebug
Accessory.SRC
HiZ
OFF
0
6Dh
Debug
accessory mode
attached sink
role
Rd
≤Ra
OrientedDebug
Accessory.SRC
HiZ
OFF
0
6Dh
≤ Ra
Rd
0
OFF
0
6Dh
Audio adapter
accessory mode
attached
Ra
Ra
AudioAccessory
HiZ
OFF
HiZ
81h
STUSB1602
USB Type-C typical applications
DS11254 - Rev 5
page 24/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com