Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STUSB1602
Description  USB Type-C™ controller with TX/RX line driver and BMC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STUSB1602_V01 Datasheet HTML 27Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 28Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 29Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 30Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 31Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 32Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 33Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 34Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
9.2
QFN24 EP 4x4 mm packing information
Figure 11. Reel outline
Table 22. Tape dimensions
Package
Pitch
Carrier width
Reel
QFN24 EP 4x4
8 mm
12 mm
13"
9.3
Thermal Information
Table 23. Thermal information
Symbol
Parameter
Value
Unit
RθJA
Junction-to-ambient thermal resistance
37
°C/W
RθJC
Junction-to-case thermal resistance
5
°C/W
STUSB1602
QFN24 EP 4x4 mm packing information
DS11254 - Rev 5
page 31/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com