Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STUSB1602
Description  USB Type-C™ controller with TX/RX line driver and BMC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STUSB1602_V01 Datasheet HTML 28Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 29Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 30Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 31Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 32Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 33Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 34Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 35Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
10
Terms and abbreviations
Table 24. List of terms and abbreviations
Term
Description
Accessory modes
Audio adapter accessory mode. It is defined by the presence of Ra/Ra on the CC1/CC2 pins.
Debug accessory mode. It is defined by the presence of Rd/Rd on CC1/CC2 pins in source
power role or Rp/Rp on CC1/CC2 pins in sink power role.
DFP
Downstream facing port, specifically associated with the flow of data in a USB connection.
Typically, the ports on a HOST or the ports on a hub to which devices are connected. In its
initial state, DFP sources VBUS and VCONN, and supports data.
DRP
Dual-role port. A port that can operate as either a source or a sink. The port role may be
changed dynamically.
Sink
Port asserting Rd on the CC pins and consuming power from the VBUS; most commonly a
device.
Source
Port asserting Rp on the CC pins and providing power over the VBUS; most commonly a host
or hub DFP.
UFP
Upstream facing port, specifically associated with the flow of data in a USB connection. The
port on a device or a hub that connects to a host or the DFP of a hub. In its initial state, the
UFP sinks the VBUS and supports data.
STUSB1602
Terms and abbreviations
DS11254 - Rev 5
page 32/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com