Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STUSB1602
Description  USB Type-C™ controller with TX/RX line driver and BMC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STUSB1602_V01 Datasheet HTML 14Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 15Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 16Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 17Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 18Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 19Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 20Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 21Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
5
I²C interface
5.1
Read and write operations
The I²C interface is used to configure, control and read the operation status of the device. It is compatible with the
Philips I²C BUS® (version 2.1). The I²C is a slave serial interface based on two signals:
•
SCL - serial clock line: input clock used to shift data
•
SDA - serial data line: input/output bidirectional data transfers
A filter rejects the potential spikes on the bus data line to preserve data integrity.
The bidirectional data line supports transfers up to 400 Kbit/s (fast mode). The data are shifted to and from the
chip on the SDA line, MSB first.
The first bit must be high (START) followed by the 7-bit device address and the read/write control bit.
Two 7-bit device addresses are available for the STUSB1602 thanks to external programming of DevADDR0
through ADDR0 pin setting, i.e. 0x28 or 0x29. This allows two STUSB1602 devices to be connected on the same
I²C bus.
Table 10. Device address format
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
DevADDR6
DevADDR5
DevADDR4
DevADDR3
DevADDR2
DevADDR1
DevADDR0
R/W
0
1
0
1
0
0
ADDR0
0/1
Table 11. Register address format
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
RegADDR7
RegADDR6
RegADDR5
RegADDR4
RegADDR3
RegADDR2
RegADDR1
RegADDR0
Table 12. Register data format
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
Figure 5. Read operation
Address
n+1
Start bit = SDA falling when SCL= 1
Stop bit = SDA rising when SCL= 1
Restart bit = start after a start
Acknowledge = SDA forced low during a SCL clock
Master
Slave
Address
n+2
Start
Device addr
7 bits
W A Reg address
8 bits
A Restart
Device addr
7 bits
R A
Reg data
8 bits
A Reg data
8 bits
A
Reg data
8 bits
A
Stop
STUSB1602
I²C interface
DS11254 - Rev 5
page 18/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com