Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STUSB1602
Description  USB Type-C™ controller with TX/RX line driver and BMC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 1 Page - STMicroelectronics

  STUSB1602_V01 Datasheet HTML 1Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 2Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 3Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 4Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 5Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 6Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 7Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 8Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Features
Type-C™ attach and cable orientation detection
Power role support: source/sink/DRP
Integrated power switch for VCONN supply:
programmable current limit up to 600 mA
overcurrent, overvoltage, and thermal protection
undervoltage lockout
Integrated VBUS voltage monitoring
Integrated VBUS and VCONN discharge path
Integrated BMC transceiver
VBUS switch gate driver
Short-to-VBUS protection on CC
Dual power supply (VSYS and/or VDD):
VSYS = [3.0 V; 5.5 V]
VDD = [4.1 V; 22 V]
Compliant with:
USB Type-C™ rev 2.0
USB PD rev 3.0
Certified:
Source: TID 1070031
Sink PPS: TID 5477
Applications
Power hubs and docking stations
Smartphones, tablets and gimbal stabilizers
Gaming, PNDs and drones
Cameras, camcorders, and MP3 players
Smart plugs, wall adapters, and chargers
Power sourcing devices (PoE)
Power sinking hosts
PPS applications
Any source or sink or dual role device
Description
The STUSB1602 is a generic IC, in a 20 V technology it addresses a USB Type-C™
port management both for source, sink and dual role devices, with or without USB
data. It is designed for a broad range of applications and can handle the following
USB Type-C functions: attach detection, plug orientation detection, host to device
connection, VCONN support, and VBUS configuration.
It also provides a USB PD TX/RX line driver and a BMC (bi-phase mark coding)
transceiver which enable USB PD communication through an external MCU.
Device summary
Order code
STUSB1602AQTR
Power role
SOURCE, SINK, DRP
Package
QFN24 EP 4x4 mm
Temp. range
- 40 °C up to 105 °C
Marking
1602A
Related products
STM32F072RB and STSW-STUSB010
STM32F446ZE and STSW-STUSB012
STM32G474RE and STSW-STUSB014
STM32L4R5ZI and STSW-STUSB015
USB Type-C™ controller with TX/RX line driver and BMC
STUSB1602
Datasheet
DS11254 - Rev 5 - July 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STUSB1602_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STUSB1602 STMICROELECTRONICS-STUSB1602 Datasheet
1Mb / 55P
Power hubs and docking stations
05-Apr-2017
More results

Similar Description - STUSB1602_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65986 TI1-TPS65986 Datasheet
2Mb / 109P
USB Type-C and USB PD Controller and Power Switch
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
USB Type-C and USB PD Source Controller
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
USB Type-C and USB PD Source Controller
TPS65987D TI1-TPS65987D Datasheet
1Mb / 68P
USB Type-C and USB PD Controller with Integrated Power Switches
TPS65987D TI1-TPS65987D_18 Datasheet
2Mb / 73P
USB Type-C and USB PD Controller with Integrated Power Switches
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
logo
Richtek Technology Corp...
RT7205A RICHTEK-RT7205A Datasheet
642Kb / 36P
Programmable SMPS and USB Type-C Controller
logo
Texas Instruments
TPS65987DDJ TI1-TPS65987DDJ Datasheet
2Mb / 72P
USB Type-C and USB PD Controller with Integrated Power Switches
logo
ON Semiconductor
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
logo
STMicroelectronics
STUSB1702 STMICROELECTRONICS-STUSB1702 Datasheet
610Kb / 38P
USB Type-CTM source controller with TX/RX line driver and BMC
06-Jul-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com