Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet (PDF) - STMicroelectronics

STUSB1602 Datasheet PDF - STMicroelectronics
Part # STUSB1602
Download  STUSB1602 Download
File Size   1569.68 Kbytes
Page   55 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Power hubs and docking stations

STUSB1602 Datasheet (PDF)

Go To PDF Page Download Datasheet
STUSB1602 Datasheet PDF - STMicroelectronics

Part # STUSB1602
Download  STUSB1602 Click to download

File Size   1569.68 Kbytes
Page   55 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Power hubs and docking stations

STUSB1602 Datasheet (HTML) - STMicroelectronics


STUSB1602 Product details

Features
■ Type-C™ attach and cable orientation detection
■ Power role support: source/sink/DRP
■ Configurable start-up profiles
■ Integrated power switch for VCONN supply: – programmable current limit up to 600 mA – overcurrent, overvoltage, and thermal protection – under-voltage lockout
■ I2C interface and interrupt
■ Integrated VBUS voltage monitoring
■ Integrated VBUS and VCONN discharge path
■ Integrated BMC transceiver
■ VBUS switch gate driver
■ Low power standby mode
■ Dead battery mode support
■ Short-to-VBUS protection on CC pins (22 V) and VBUS pins (28 V)
■ Accessory mode support
■ Dual power supply (VSYS and/or VDD): – VSYS = [3.0 V; 5.5 V] – VDD = [4.1 V; 22 V]
■ Compliant with: – USB Type-C™ rev 1.2 – USB PD rev 2.0 (Certif. test ID 1010032)
■ Compatible with: – USB PD rev 3.0

Applications
■ Smart plugs, wall adapters, and chargers
■ Power hubs and docking stations
■ Smartphones and tablets
■ Gaming and PNDs
■ Displays
■ Cameras, camcorders, and MP3 players
■ Any Type-C source or sink device




Similar Part No. - STUSB1602

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STUSB1602 STMICROELECTRONICS-STUSB1602 Datasheet
614Kb / 39P
USB Type-C™ controller with TX/RX line driver and BMC
rev 2.0
STUSB1602 STMICROELECTRONICS-STUSB1602_V01 Datasheet
614Kb / 39P
USB Type-C™ controller with TX/RX line driver and BMC
rev 2.0
More results


Similar Description - STUSB1602

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87382 NSC-PC87382 Datasheet
846Kb / 72P
LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
logo
SMSC Corporation
LPC47N237 SMSC-LPC47N237 Datasheet
686Kb / 138P
3.3V I/O CONTROLLER FOR PORT REPLICATORS AND DOCKING STATIONS
LPC47N237 SMSC-LPC47N237_07 Datasheet
100Kb / 5P
3.3v I/O Controller for Port Replicators and Docking Stations
logo
Pulse A Technitrol Comp...
23Z108SM PULSE-23Z108SM Datasheet
740Kb / 10P
For Adapter Cards, MAUs, Hubs, and Motherboard Applications
logo
Laird Tech Smart Techno...
S24493TS LSTD-S24493TS Datasheet
689Kb / 2P
Bus terminals and train stations
logo
STMicroelectronics
STUSB1600 STMICROELECTRONICS-STUSB1600 Datasheet
1Mb / 69P
Power hubs and docking stations
November 2016 Rev 1
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553_14 Datasheet
474Kb / 9P
USB ports/Hubs
logo
Moxa Inc.
204 MOXA-204 Datasheet
611Kb / 3P
4 and 7-port entry-level USB hubs
404 MOXA-404 Datasheet
703Kb / 4P
4 and 7-port industrial-grade USB hubs
logo
Coolgear Inc.
12VDC2A-B COOLGEAR-12VDC2A-B Datasheet
185Kb / 2P
12v 2A Power supply for Coolgear hubs
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com