Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STUSB1602
Description  Power hubs and docking stations
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STUSB1602 Datasheet HTML 6Page - STMicroelectronics STUSB1602 Datasheet HTML 7Page - STMicroelectronics STUSB1602 Datasheet HTML 8Page - STMicroelectronics STUSB1602 Datasheet HTML 9Page - STMicroelectronics STUSB1602 Datasheet HTML 10Page - STMicroelectronics STUSB1602 Datasheet HTML 11Page - STMicroelectronics STUSB1602 Datasheet HTML 12Page - STMicroelectronics STUSB1602 Datasheet HTML 13Page - STMicroelectronics STUSB1602 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
Inputs/outputs
STUSB1602
10/55
DocID028319 Rev 2
2.3.11
SCLK
The serial clock signal from the STUSB1602 drives the SPI/MSP interface of the MCU and
the clock data on the MISO and MOSI pins.
2.3.12
A_B_SIDE
This output pin provides cable orientation. It is used to establish USB SuperSpeed signal
routing. The cable orientation is also provided by an internal I2C register. This signal is not
required in the case of USB 2.0 support.
2.3.13
VBUS_SENSE
This input pin is used to sense VBUS presence, monitor VBUS voltage, and discharge the
VBUS on the USB Type-C receptacle side.
2.3.14
VBUS_EN_SNK
In sink power role, this pin allows the incoming VBUS power to be enabled when the
connection to a source is established and VBUS is in a valid operating range. The open drain
output allows a PMOS transistor to be directly driven. The logic value of the pin is also
advertised in a dedicated I2C register bit.
2.3.15
VBUS_EN_SRC
In source power role, this pin allows the outgoing VBUS power to be enabled when the
connection to a sink is established and VBUS is in a valid operating range. The open drain
output allows a PMOS transistor to be directly driven. The logic value of the pin is also
advertised in a dedicated I2C register bit.
2.3.16
VREG1V2
This pin is used for external decoupling of the 1.2 V internal regulator. The recommended
decoupling capacitor is: 1 µF typ. (0.5 µF min, 10 µF max).
2.3.17
VSYS
This is the low power supply of the system, if there is any. It can be connected directly to a
single cell Lithium battery or to the system power supply delivering 3.3 V or 5 V. It is
recommended to connect this pin to ground when it is not used.
2.3.18
VREG2V7
This pin is used for external decoupling of the 2.7 V internal regulator. The recommended
decoupling capacitor is: 1 µF typ. (0.5 µF min, 10 µF max).
Table 5. USB data mux select
Value
CC pin position
HiZ
CC1 pin is attached to CC line
0
CC2 pin is attached to CC line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com