Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STUSB1602
Description  Power hubs and docking stations
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STUSB1602 Datasheet HTML 40Page - STMicroelectronics STUSB1602 Datasheet HTML 41Page - STMicroelectronics STUSB1602 Datasheet HTML 42Page - STMicroelectronics STUSB1602 Datasheet HTML 43Page - STMicroelectronics STUSB1602 Datasheet HTML 44Page - STMicroelectronics STUSB1602 Datasheet HTML 45Page - STMicroelectronics STUSB1602 Datasheet HTML 46Page - STMicroelectronics STUSB1602 Datasheet HTML 47Page - STMicroelectronics STUSB1602 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 55 page
background image
Application
STUSB1602
44/55
DocID028319 Rev 2
The value of the CC1 and CC2 pins is defined from a termination perspective and corresponds to the
termination presented by the connected device.
The CC_CONNECTION_STATUS register can report other values than the one presented in Table 27. In
this table, it reflects the state transitions in Type-C FSM that can be ignored from the application stand
point.
Debug
accessory
mode
attached
source role
Rp
3A
Rp
1.5A
Debug
Accessory.SNK
(Default USB)
HiZ
OFF
HiZ
0
61h
Rp
1.5A
Rp
3A
0OFF
HiZ
0
61h
Debug
accessory
mode
attached
source role
Rp
1.5A
Rp
def.
Debug
Accessory.SNK
(1.5 A)
HiZ
OFF
HiZ
0
61h
Rp
def.
Rp
1.5A
0OFF
HiZ
0
61h
Debug
accessory
mode
attached
source role
Rp
3A
Rp
def.
Debug
Accessory.SNK
(3.0 A)
HiZ
OFF
HiZ
0
61h
Rp
def.
Rp
3A
0OFF
HiZ
0
61h
Table 27. Dual power role with accessory support (continued)
Connection
state
CC1
pin
CC2
pin
Type-C
device state
CC_OPERATION
_STATUS
register @11h
A_B_SIDE
pin
VCONN
supply
VBUS_EN_SRC
pin
VBUS_EN_SNK
pin
CC_CONNECTION
_STATUS
register @0Eh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com