Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STUSB1602
Description  Power hubs and docking stations
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STUSB1602 Datasheet HTML 43Page - STMicroelectronics STUSB1602 Datasheet HTML 44Page - STMicroelectronics STUSB1602 Datasheet HTML 45Page - STMicroelectronics STUSB1602 Datasheet HTML 46Page - STMicroelectronics STUSB1602 Datasheet HTML 47Page - STMicroelectronics STUSB1602 Datasheet HTML 48Page - STMicroelectronics STUSB1602 Datasheet HTML 49Page - STMicroelectronics STUSB1602 Datasheet HTML 50Page - STMicroelectronics STUSB1602 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 55 page
background image
DocID028319 Rev 2
47/55
STUSB1602
Electrical characteristics
55
8.3
Electrical and timing characteristics
Unless otherwise specified: VDD = 5 V, TA = 25 °C, all voltages are referenced to GND.
Table 30. Electrical characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IDD (SRC)
Current
consumption
Device idle as a SOURCE
(not connected, no
communication)
VSYS @ 3.3 V
158
µA
VDD @ 5.0 V
188
IDD (SNK)
Current
consumption
Device idle as a SINK
(not connected, no
communication)
VSYS @ 3.3 V
113
VDD @ 5.0 V
140
ISTDBY
Standby current
consumption
Device in standby
(not connected, low
power)
VSYS @ 3.3 V
33
VDD @ 5.0 V
53
CC1 and CC2 pins
IP-USB
CC current
sources
CC pin voltage, VCC = -0.3 to 2.6 V,
40 °C < TA < 105 °C
-20%
80
+20 %
uA
IP-1.5
-8%
180
+8 %
IP-3.0
-8%
330
+8 %
VCCO
CC open pin
voltage
CC unconnected, VDD = 3.0 to 5.5 V
2.75
V
Rd
CC pull-down
resistors
-40 °C < TA < 105 °C
-10%
5.1
+10 %
kΩ
VCCDB-1.5
CC pin voltage
in dead battery
condition
External IP = 180 μA applied into CC,
VDD = 0 V, dead-battery function enabled
1.2
V
VCCDB-3.0
External IP = 330 μA applied into CC,
VDD = 0 V, dead-battery function enabled
2.0
RINCC
CC input
impedance
Pull-up and pull-down resistors off
200
kΩ
VTH0.2
Detection
threshold 1
Max Ra detection by DFP at IP = IP -USB, min
IP_USB detection by UFP on Rd, min CC
voltage for connected UFP
0.15
0.20
0.25
V
VTH0.4
Detection
threshold 2
Max Ra detection by DFP at IP = IP-1.5
0.35
0.40
0.45
VTH0.66
Detection
threshold 3
Min IP_1.5 detection by UFP on Rd
0.61
0.66
0.70
VTH0.8
Detection
threshold 4
Max Ra detection by DFP at IP = IP-3.0
0.75
0.80
0.85
VTH1.23
Detection
threshold 5
Min IP_3.0 detection by UFP on Rd
1.16
1.23
1.31
VTH1.6
Detection
threshold 6
Max Rd detection by DFP at IP = IP-USB and IP
= IP-1.5
1.50
1.60
1.65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com