Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STUSB1602
Description  Power hubs and docking stations
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STUSB1602 Datasheet HTML 24Page - STMicroelectronics STUSB1602 Datasheet HTML 25Page - STMicroelectronics STUSB1602 Datasheet HTML 26Page - STMicroelectronics STUSB1602 Datasheet HTML 27Page - STMicroelectronics STUSB1602 Datasheet HTML 28Page - STMicroelectronics STUSB1602 Datasheet HTML 29Page - STMicroelectronics STUSB1602 Datasheet HTML 30Page - STMicroelectronics STUSB1602 Datasheet HTML 31Page - STMicroelectronics STUSB1602 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
Start-up configuration
STUSB1602
28/55
DocID028319 Rev 2
6
Start-up configuration
6.1
User-defined parameters
The STUSB1602 has a set of user-defined parameters that can be customized by NVM re-
programming and/or by software through the I2C interface. This feature allows the customer
to change the preset configuration of the USB Type-C interface and to define a new
configuration to meet specific customer requirements addressing various applications, use
cases, or specific implementations.
The NVM re-programming overrides the initial default setting to define a new default setting
that is used at power-up or after a reset. The default value is copied at power-up, or after a
reset, from the embedded NVM into dedicated I2C register bits. The NVM re-programming
is possible only once with a customer password.
When a default value is changed during functioning by software, the new setting remains in
effect as long as the STUSB1602 is operating or when it is changed again. But after power-
off and power-up, or after a reset, the STUSB1602 takes back the default values defined in
the NVM.
6.2
Default start-up configuration
The table below lists the user-defined parameters and indicates the default start-up
configuration of the STUSB1602.
Three types of user-defined parameters are specified in the table with respect to the
“Customization type” column:
SW: indicates parameters that can be customized only by software through the I2C
interface during system operation.
NVM: indicates parameters that can be customized only by NVM re-programming
NVM/SW: indicates parameters that can be customized by NVM re-programming
and/or by software through the I2C interface during system operation.
Table 17. STUSB1602 user-defined parameters and default setting
Customization
type
Parameter
Default value and description
I2C register
address
NVM/SW
CC_CONNECTION_STATUS_AL_MASK
1b: interrupt masked
0Ch
NVM/SW
MONITORING_STATUS_AL_MASK
1b: interrupt masked
0Ch
NVM/SW
HW_FAULT_STATUS_AL_MASK
1b: interrupt masked
0Ch
NVM
STANDBY_POWER_MODE_DISABLE
1b: disables standby power mode
n. a.
NVM/SW
CC_CURRENT_ADVERTISED
00b: default USB current, 500 mA or
900 mA
18h
NVM/SW
CC_VCONN_DISCHARGE_EN
0b: VCONN discharge disabled on
CC pin
18h
NVM/SW
CC_VCONN_SUPPLY_EN
1b: VCONN supply capability enabled
on CC pin
18h
NVM/SW
CC_VCONN_SWITCH_ILIM
0000b: 350 mA
1Eh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com