Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STUSB1602
Description  Power hubs and docking stations
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STUSB1602 Datasheet HTML 10Page - STMicroelectronics STUSB1602 Datasheet HTML 11Page - STMicroelectronics STUSB1602 Datasheet HTML 12Page - STMicroelectronics STUSB1602 Datasheet HTML 13Page - STMicroelectronics STUSB1602 Datasheet HTML 14Page - STMicroelectronics STUSB1602 Datasheet HTML 15Page - STMicroelectronics STUSB1602 Datasheet HTML 16Page - STMicroelectronics STUSB1602 Datasheet HTML 17Page - STMicroelectronics STUSB1602 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
Features description
STUSB1602
14/55
DocID028319 Rev 2
3.2.3
RX mode
RX mode is the default state of the BMC interface.
In this mode, the receiver listens to the connected CC line. It does not interface with the CC
line interfaces or the CC control logic.
When all data are detected and received on the CC line, according to the activity described
in the USB Power Delivery Standard, the BMC interface:
Drives the NSS signal low
Outputs the clock on the SCLK signal which is recovered from the BMC signal
Outputs recovered data (from the BMC signal) on the MOSI line to the connected MCU.
Data are valid on the SCLK falling edge and are sampled on this edge by the SPI/MSP
interface of the MCU.
When no more data are detected on the CC line, the NSS goes back to “high” which is its
default state. This indicates to the MCU that no more activity is present on the bus.
3.3
VBUS power path control
3.3.1
VBUS monitoring
The VBUS monitoring block supervises (from the VBUS_SENSE pin) the VBUS voltage on
the USB Type-C receptacle side.
It is used to check that the VBUS is within a valid voltage range:
To establish a valid source-to-sink connection according to USB Type-C standard
specifications.
To safely enable the VBUS power path through the VBUS_EN_SRC pin or
VBUS_EN_SNK pin depending on the power role.
It allows detection of unexpected VBUS voltage conditions such as under-voltage or
overvoltage relative to the valid VBUS voltage range. When such conditions occur, the
STUSB1602 reacts as follows:
At attachment, it prevents the source-to-sink connection and the VBUS power path
assertion.
After attachment, it deactivates the source-to-sink connection and disables the VBUS
power path. In source power role, the device goes into error recovery state. In Sink
power role, the device goes into unattached state.
The VBUS voltage value is adjusted automatically at attachment (vSafe5V) and via the MCU
at each PDO transition. Monitoring is then disabled during T_PDO_transition (i.e. the default
value of 300 ms is changed through NVM programming). Additionally, if a transition occurs
to a lower voltage, the discharge path is activated during this time.
The valid VBUS voltage range is defined from the VBUS nominal voltage by a high threshold
voltage and a low threshold voltage whose nominal values are respectively VBUS+5% and
VBUS-5%. The nominal threshold limits can be shifted by a fraction of VBUS from +1% to
+15% for the high threshold voltage and from -1% to -15% for the low threshold voltage.
This means the threshold limits can vary from VBUS+5% to VBUS+20% for the high limit and
from VBUS-5% to VBUS-20% for the low limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com