Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STUSB1602
Description  Power hubs and docking stations
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STUSB1602 Datasheet HTML 4Page - STMicroelectronics STUSB1602 Datasheet HTML 5Page - STMicroelectronics STUSB1602 Datasheet HTML 6Page - STMicroelectronics STUSB1602 Datasheet HTML 7Page - STMicroelectronics STUSB1602 Datasheet HTML 8Page - STMicroelectronics STUSB1602 Datasheet HTML 9Page - STMicroelectronics STUSB1602 Datasheet HTML 10Page - STMicroelectronics STUSB1602 Datasheet HTML 11Page - STMicroelectronics STUSB1602 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
Inputs/outputs
STUSB1602
8/55
DocID028319 Rev 2
2.3
Pin description
2.3.1
CC1/CC2
CC1 and CC2 are the configuration channel pins used for connection and attachment
detection, plug orientation determination, and system configuration management across the
USB Type-C cable.
2.3.2
CC1DB/CC2DB
CC1DB and CC2DB are used for dead battery mode when the STUSB1602 is configured in
sink power role or dual power role. This mode is enabled by connecting CC1DB and CC2DB
respectively to CC1 and CC2. Thanks to this connection, the pull down terminations on the
CC pins are present by default even if the device is not supplied (see Section 3.6: Dead
battery mode).
Warning:
CC1DB and CC2DB must be connected to ground when the
STUSB1602 is configured in source power role or when dead
battery mode is not supported.
2.3.3
VCONN
This power input is connected to a power source that can be a 5 V power supply or a lithium
battery. It is used to provide power to the local plug. It is internally connected to power
switches that are protected against short circuit and overvoltage. This does not require any
protection on the input side. When a valid source-to-sink connection is determined and the
VCONN power switches are enabled, VCONN is provided by the source to the unused CC pin
(see Section 3.4: VCONN supply).
Table 3. Pin function descriptions
Type
Description
DDigital
A
Analog
O
Output pad
I
Input pad
IO
Bidirectional pad
OD
Open drain output
PD
Pull-down
PU
Pull-up
HV
High voltage
PWR
Power supply
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com