Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STUSB1602
Description  Power hubs and docking stations
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STUSB1602 Datasheet HTML 23Page - STMicroelectronics STUSB1602 Datasheet HTML 24Page - STMicroelectronics STUSB1602 Datasheet HTML 25Page - STMicroelectronics STUSB1602 Datasheet HTML 26Page - STMicroelectronics STUSB1602 Datasheet HTML 27Page - STMicroelectronics STUSB1602 Datasheet HTML 28Page - STMicroelectronics STUSB1602 Datasheet HTML 29Page - STMicroelectronics STUSB1602 Datasheet HTML 30Page - STMicroelectronics STUSB1602 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
DocID028319 Rev 2
27/55
STUSB1602
I2C interface
55
12h
HW_FAULT_STATUS_TRANS
RC
Alerts about transition in HW_FAULT_STATUS
register
13h
HW_FAULT_STATUS
RO
Gives status on hardware faults
14h
to
17h
Reserved
RO
Do not use
18h
CC_CAPABILITY_CTRL
R/W
Allows the CC capabilities to be changed
19h
to
1Dh
Reserved
RO
Do not use
1Eh
CC_VCONN_SWITCH_CTRL
R/W
Allows the current limit of VCONN power
switches to be changed
1Fh
TYPE_C_CTRL
R/W
Allows software to be synchronized with Type-
C FSM
20h
VCONN_MONITORING_CTRL
R/W
Allows the monitoring conditions of VCONN
voltage to be changed
21h
VBUS_SELECT
R/W
Allows the DAC value related to the targeted
VBUS voltage to be changed
22h
VBUS_RANGE_MONITORING_CTRL
R/W
Allows the voltage range for VBUS monitoring to
be changed
23h
RESET_CTRL
R/W
Controls the device reset by software
24h
CC_POWERED_ACCESSORY_CTRL
R/W
Controls powered accessory detection
25h
VBUS_DISCHARGE_TIME_CTRL
R/W
Allows the VBUS discharge time to be changed
26h
VBUS_DISCHARGE_CTRL
R/W
Controls the VBUS discharge path
27h
VBUS_ENABLE_STATUS
RO
Gives status on VBUS power path activation
28h
CC_POWER_MODE_CTRL
R/W
Allows the CC power mode to be changed
29h
to
2Dh
Reserved
RO
Do not use
2Eh
VBUS_MONITORING_CTRL
R/W
Allows the monitoring conditions of VBUS
voltage to be changed
2Fh
Reserved
RO
Do not use
Table 16. STUSB1602 register map overview (continued)
Address
Register name
Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com