Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STUSB1602
Description  Power hubs and docking stations
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STUSB1602 Datasheet HTML 35Page - STMicroelectronics STUSB1602 Datasheet HTML 36Page - STMicroelectronics STUSB1602 Datasheet HTML 37Page - STMicroelectronics STUSB1602 Datasheet HTML 38Page - STMicroelectronics STUSB1602 Datasheet HTML 39Page - STMicroelectronics STUSB1602 Datasheet HTML 40Page - STMicroelectronics STUSB1602 Datasheet HTML 41Page - STMicroelectronics STUSB1602 Datasheet HTML 42Page - STMicroelectronics STUSB1602 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
DocID028319 Rev 2
39/55
STUSB1602
Application
55
The value of the CC1 and CC2 pins is defined from a termination perspective and corresponds to the
termination presented by the connected device.
The CC_CONNECTION_STATUS register can report other values than the one presented in Table 23. In
this table, it reflects the state transitions in Type-C FSM that can be ignored from the application stand
point.
VCONN-
powered
accessory
attached
Rd
Ra
(Toggling)
Unattached.SNK
Unattached.Accessory
HiZ
OFF
HiZ
00h
Ra
Rd
HiZ
OFF
HiZ
00h
Table 23. Sink power role with accessory support (continued)
Connection
state
CC1
pin
CC2
pin
Type-C
device state
CC_OPERATION_STATUS
register @11h
A_B_SIDE
pin
VCONN
supply
VBUS_EN_SNK
pin
CC_CONNECTION_STATUS
register @0Eh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com