Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STUSB1602
Description  Power hubs and docking stations
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STUSB1602 Datasheet HTML 15Page - STMicroelectronics STUSB1602 Datasheet HTML 16Page - STMicroelectronics STUSB1602 Datasheet HTML 17Page - STMicroelectronics STUSB1602 Datasheet HTML 18Page - STMicroelectronics STUSB1602 Datasheet HTML 19Page - STMicroelectronics STUSB1602 Datasheet HTML 20Page - STMicroelectronics STUSB1602 Datasheet HTML 21Page - STMicroelectronics STUSB1602 Datasheet HTML 22Page - STMicroelectronics STUSB1602 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 55 page
background image
DocID028319 Rev 2
19/55
STUSB1602
Features description
55
3.5
Low power standby mode
The STUSB1602 proposes a standby mode to reduce the device power consumption when
no device is connected to the USB Type-C port. It is disabled by default and can be
activated through NVM programming (see Section 6: Start-up configuration).
When activated, the STUSB1602 enters standby mode at power up, after a reset, or after a
disconnection. In this mode, the CC interface and the voltages monitoring blocks are turned
off. Only a monitoring circuitry is maintained active on the CC pins to detect a connection.
When the connection is detected, all the internal circuits are turned on to allow normal
operation.
Standby mode does not operate when the device is configured in sink power role with
accessory support (see Section 6: Start-up configuration).
Table 8. Fault management conditions
Fault types
Fault conditions
Expected actions
Short circuit
CC output pin shorted to ground via
very low resistive path causing
rapid current surge
Power switch limits the current and reduces
the output voltage. I2C alert is asserted
immediately thanks to
VCONN_SW_OCP_FAULT bits.
Overcurrent
CC output pin connected to a load
that sinks current above
programmed limit
Power switch limits the current and reduces
the output voltage. I2C alert is asserted
immediately thanks to
VCONN_SW_OCP_FAULT bits.
Overheating
Junction temperature exceeding
145 °C due to any reason
Power switch is disabled immediately until
the temperature falls below 145 °C minus
hysteresis of 15 °C. I2C alert is asserted
immediately thanks to THERMAL_FAULT
bit. STUSB1602 goes into transient error
recovery state.
Undervoltage
VCONN input voltage drops below
UVLO threshold minus hysteresis
Power switch is disabled immediately until
the input voltage rises above the UVLO
threshold. I2C alert is asserted immediately
thanks to VCONN_PRESENCE bit.
Overvoltage
CC output pin voltage exceeds
maximum operating limit of 6.0 V
Power switch is opened immediately until
the voltage falls below the voltage limit. I2C
alert is asserted immediately thanks to
VCONN_SW_OVP_FAULT bits.
Reverse current
CC output pin voltage exceeds
VCONN input voltage when the
power switch is turned-off
The reverse biased body diode of the back-
to-back MOS switches is naturally disabled
preventing current to flow from the CC
output pin to the input.
Reverse voltage
CC output pin voltage exceeds
VCONN input voltage of more than
0.35 V for 5 V when the power
switch is turned-on
Power switch is opened immediately until
the voltage difference falls below the
voltage limit. I2C alert is asserted
immediately thanks to
VCONN_SW_RVP_FAULT bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com