Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STUSB1602
Description  Power hubs and docking stations
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STUSB1602 Datasheet HTML 11Page - STMicroelectronics STUSB1602 Datasheet HTML 12Page - STMicroelectronics STUSB1602 Datasheet HTML 13Page - STMicroelectronics STUSB1602 Datasheet HTML 14Page - STMicroelectronics STUSB1602 Datasheet HTML 15Page - STMicroelectronics STUSB1602 Datasheet HTML 16Page - STMicroelectronics STUSB1602 Datasheet HTML 17Page - STMicroelectronics STUSB1602 Datasheet HTML 18Page - STMicroelectronics STUSB1602 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
DocID028319 Rev 2
15/55
STUSB1602
Features description
55
The threshold limits are preset by default in the NVM with different shift coefficients
depending on whether the device operates in source power role or in sink power role (see
Section 8.3: Electrical and timing characteristics). The threshold limits can be changed
independently through NVM programming (see Section 6: Start-up configuration) and also
by software during attachment through the I2C interface.
3.3.2
VBUS discharge
The monitoring block also handles the internal VBUS discharge path connected to the
VBUS_SENSE pin. The discharge path is activated at detachment, or when the device goes
into the error recovery state whatever the power role (see Section 3.8: Hardware fault
management).
The VBUS discharge path is enabled by default in the NVM and can be disabled through
NVM programming only (see Section 6: Start-up configuration). The discharge time duration
is also preset by default in the NVM (see Section 8.3: Electrical and timing characteristics).
The discharge time duration can be changed through NVM programming (see Section 6:
Start-up configuration) and also by software through the I2C interface.
3.3.3
VBUS power path assertion
The STUSB1602 can control the assertion of the VBUS power path on the USB Type-C port,
directly or indirectly, through the VBUS_EN_SRC and VBUS_EN_SNK pins according to the
system power role.
The tables below summarize the configurations and the conditions that determine the
electrical value of the VBUS_EN_SRC and VBUS_EN_SNK pins during system operation.
Table 6. Conditions for VBUS power path assertion in source power role
Pin
Electrical
value
Operation conditions
Comment
Type-C attached
state
VDD pin
monitoring
VBUS_SENSE pin
monitoring
VBUS_EN_SRC
0
Attached.SRC
or
UnorientedDebug
Accessory.SRC
or
OrientedDebug
Accessory.SRC
VDD > UVLO if
VDD_UVLO
enabled
and/or
VDD < OVLO if
VDD_OVLO
enabled
VBUS is within valid
voltage range if
VBUS _VALID_RANGE
enabled
or
VBUS > UVLO if
VBUS _VALID_RANGE
disabled
The signal is
asserted
only if all the
valid
operation
conditions
are met
HiZ
Any other state
VDD < UVLO if
VDD_UVLO
enabled
and/or
VDD > OVLO if
VDD_OVLO
enabled
VBUS is out of valid
voltage range if
VBUS _VALID_RANGE
enabled
or
VBUS < UVLO if
VBUS _VALID_RANGE
disabled
The signal is
de-asserted
when at
least one
non valid
operation
condition is
met



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com