Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STUSB1602
Description  Power hubs and docking stations
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STUSB1602 Datasheet HTML 16Page - STMicroelectronics STUSB1602 Datasheet HTML 17Page - STMicroelectronics STUSB1602 Datasheet HTML 18Page - STMicroelectronics STUSB1602 Datasheet HTML 19Page - STMicroelectronics STUSB1602 Datasheet HTML 20Page - STMicroelectronics STUSB1602 Datasheet HTML 21Page - STMicroelectronics STUSB1602 Datasheet HTML 22Page - STMicroelectronics STUSB1602 Datasheet HTML 23Page - STMicroelectronics STUSB1602 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
Features description
STUSB1602
20/55
DocID028319 Rev 2
3.6
Dead battery mode
Dead battery mode allows systems powered by a battery to be supplied by the VBUS when
the battery is discharged and to start the battery charging process. This mode is also used
in systems that are powered through the VBUS only.
Dead battery mode is only supported in sink power role and dual power role configurations.
It operates only if the CC1DB and CC2DB pins are connected respectively to the CC1 and
CC2 pins. Thanks to these connections, the STUSB1602 presents a pull down termination
on its CC pins and advertises itself as a sink even if the device is not supplied.
When a source system connects to a USB Type-C port with the STUSB1602 configured in
dead battery mode, it can detect the pull down termination, establish the source-to-sink
connection, and provide the VBUS. The STUSB1602 is then supplied thanks to the VDD pin
connected to the VBUS on the USB Type-C receptacle side. The STUSB1602 can finalize
the source-to-sink connection and enable the power path on the VBUS thanks to the
VBUS_EN_SNK pin which allows the system to be powered.
3.7
High voltage protection
The STUSB1602 can be safely used in systems or connected to systems that handle high
voltage on the VBUS power path. The device integrates an internal circuitry on the CC pins
that tolerates high voltages and ensures protection up to 22 V in case of unexpected short
circuits with the VBUS or in the case of a connection to a device supplying high voltage on
the VBUS.
3.8
Hardware fault management
The STUSB1602 handles hardware fault conditions related to the device itself and to the
VBUS power path during system operation.
When such conditions occur, the circuit goes into a transient error recovery state named
ErrorRecovery in the Type-C FSM. When entering in this state, the device de-asserts the
VBUS power path by disabling the VBUS_EN_SRC pin and it removes the terminations from
the CC pins during several tens of milliseconds. Then, it transitions to the unattached source
state.
The STUSB1602 goes into error recovery state when at least one condition listed below is
met:
If an overtemperature is detected, the “THERMAL_FAULT” flag is asserted
If an internal pull-up voltage on the CC pins is below the UVLO threshold, the
“VPU_VALID” flag is asserted.
If an overvoltage is detected on the CC pins, the “VPU_OVP_FAULT” flag is asserted
If the VBUS voltage is out of the valid voltage range during attachment, the
“VBUS_VALID” flag is asserted.
If an undervoltage is detected on the VDD pin during attachment when UVLO detection
is enabled, the “VDD_UVLO_DISABLE” flag is asserted.
If an overvoltage is detected on the VDD pin during attachment when OVLO detection
is enabled, the “VDD_OVLO_DISABLE” flag is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com