Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STUSB1602
Description  Power hubs and docking stations
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STUSB1602 Datasheet HTML 44Page - STMicroelectronics STUSB1602 Datasheet HTML 45Page - STMicroelectronics STUSB1602 Datasheet HTML 46Page - STMicroelectronics STUSB1602 Datasheet HTML 47Page - STMicroelectronics STUSB1602 Datasheet HTML 48Page - STMicroelectronics STUSB1602 Datasheet HTML 49Page - STMicroelectronics STUSB1602 Datasheet HTML 50Page - STMicroelectronics STUSB1602 Datasheet HTML 51Page - STMicroelectronics STUSB1602 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 55 page
background image
Electrical characteristics
STUSB1602
48/55
DocID028319 Rev 2
VTH2.6
Detection
threshold 7
Max Rd detection by DFP at IP-3.0, max CC
voltage for connected UFP
2.45
2.60
2.75
V
VCONN protection
RVCONN
VCONN path
resistance
IVCONN = 0.2 A,
0.25
0.5
0.975
IOCP
Overcurrent
protection
Programmable current limit threshold
(from 100 mA to 600 mA by step of 50 mA)
85
100
125
mA
300
350
400
550
600
650
VOVP
Output-over
voltage
protection
5.9
6
6.1
V
VUVP
Input
undervoltage
protection
Low UVLO threshold
2.6
2.7
High UVLO threshold (default)
4.6
4.8
VBUS monitoring and driving
VTHUSB
VBUS presence
threshold
VSYS = 3.0 to 5.5 V
3.8
3.9
4.0
V
VTH0V
VBUS safe 0 V
threshold
(vSafe0V)
VSYS = 3.0 to 5.5 V
0.5
0.6
0.7
Programmable threshold
0.8
0.9
1.0
Programmable threshold from 0.6 V to 1.8 V
1.1
1.2
1.3
Default VTHOV = 0.6 V
1.7
1.8
1.9
RDISUSB
VBUS discharge
resistor
600
700
800
TDISUSB
VBUS discharge
time to 0V
Default TDISPARAM = 840 ms, the co-efficient
TDISPARAM is programmable by NVM
70 (1)
84 (1)
100 (1)
ms
VBUS discharge
time to PDO
Default TDISPARAM = 200 ms, the co-efficient
TDISPARAM is programmable by NVM
20 (1)
24 (1)
28 (1)
VMONUSBH
VBUS monitoring
high voltage
threshold
VBUS = nominal target value, default
VMONUSBH = VBUS + 10 %, the threshold limit is
programmable by NVM from +5 % to +20 %
VBUS
+ 10 %
V
VMONUSBL
VBUS monitoring
low voltage
threshold
VBUS = nominal target value, default
VMONUSBL = VBUS - 10 %, the threshold limit is
programmable by NVM from -20 % to -5 %
VBUS
- 10 %
Digital input/output (SCL, SDA, ALERT#, A_B_SIDE)
VIH
High level input
voltage
1.2
V
VIL
Low level input
voltage
0.35
VOL
Low level output
voltage
Ioh = 3 mA
0.4
Table 30. Electrical characteristics (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com