Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STUSB1602
Description  Power hubs and docking stations
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STUSB1602 Datasheet HTML 42Page - STMicroelectronics STUSB1602 Datasheet HTML 43Page - STMicroelectronics STUSB1602 Datasheet HTML 44Page - STMicroelectronics STUSB1602 Datasheet HTML 45Page - STMicroelectronics STUSB1602 Datasheet HTML 46Page - STMicroelectronics STUSB1602 Datasheet HTML 47Page - STMicroelectronics STUSB1602 Datasheet HTML 48Page - STMicroelectronics STUSB1602 Datasheet HTML 49Page - STMicroelectronics STUSB1602 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
Electrical characteristics
STUSB1602
46/55
DocID028319 Rev 2
8.2
Operating conditions
Note:
The transient voltage on the CC1 and CC2 pins is allowed to drop to -0.3 during BMC
communication.
Table 29. Operating conditions
Symbol
Parameter
Value
Unit
VDD
Supply voltage
4.1 to 22
V
VSYS
Supply voltage on VSYS pin
3.0 to 5.5
VCC1, VCC2
VCC1DB, VCC2DB
CC pins
-0.3 to 5.5
VVBUS_EN_SRC
VVBUS_EN_SNK
VVBUS_SENSE
High voltage pins
0 to 22
VSCL, VSDA
VALERT#
VRESET
VA_B_SIDE
Operating voltage on I/O pins
0 to 4.5
VCONN
VCONN voltage
2.7 to 5.5
ICONN
VCONN rated current (default = 0.35 A)
0.1 to 0.6
A
TA
Operating temperature
-40 to 105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com