Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STUSB1602
Description  Power hubs and docking stations
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STUSB1602 Datasheet HTML 13Page - STMicroelectronics STUSB1602 Datasheet HTML 14Page - STMicroelectronics STUSB1602 Datasheet HTML 15Page - STMicroelectronics STUSB1602 Datasheet HTML 16Page - STMicroelectronics STUSB1602 Datasheet HTML 17Page - STMicroelectronics STUSB1602 Datasheet HTML 18Page - STMicroelectronics STUSB1602 Datasheet HTML 19Page - STMicroelectronics STUSB1602 Datasheet HTML 20Page - STMicroelectronics STUSB1602 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
DocID028319 Rev 2
17/55
STUSB1602
Features description
55
3.4
VCONN supply
3.4.1
VCONN input voltage
VCONN is a regulated supply used to power circuits in the plug of the USB3.1 full-featured
cables and other accessories. The VCONN nominal operating voltage is 5.0 V ±5 %.
3.4.2
VCONN application conditions
The VCONN pin of the STUSB1602 is connected to each CC pin (CC1 and CC2) across
independent power switches.
The STUSB1602 applies VCONN only to the CC pin not connected to the CC wire when all
below conditions are met:
The device is configured in source power role or dual power role
VCONN power switches are enabled
A valid connection to a sink is achieved
Ra presence is detected on the unwired CC pin
A valid power source is applied on the VCONN pin with respect to a predefined UVLO
threshold.
The STUSB1602 does not provide VCONN when it is operating in sink power role.
3.4.3
VCONN monitoring
The VCONN monitoring block detects whether the VCONN power supply is available on the
VCONN pin. It is used to check that the VCONN voltage is above a predefined undervoltage
lockout (UVLO) threshold to allow enabling of the VCONN power switches.
The default value of the UVLO threshold is 4.65 V typical for powered cables operating at
5 V. This value can be changed by software to 2.65 V typical to support VCONN-powered
accessories that operate down to 2.7 V.
3.4.4
VCONN discharge
The behavior of Type-C FSMs is extended with an internal VCONN discharge path capability
on the CC pins in source power mode only. The discharge path is activated during 250 ms
from sink detachment detection. This feature is disabled by default. It can be activated
through NVM programming (see Section 6: Start-up configuration) and also by software
through the I2C interface.
3.4.5
VCONN control and status
The supplying conditions of VCONN across the STUSB1602 are managed through the I2C
interface. Different I2C registers and bits are used specifically for this purpose.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com