Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STUSB1602
Description  Power hubs and docking stations
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STUSB1602 Datasheet HTML 12Page - STMicroelectronics STUSB1602 Datasheet HTML 13Page - STMicroelectronics STUSB1602 Datasheet HTML 14Page - STMicroelectronics STUSB1602 Datasheet HTML 15Page - STMicroelectronics STUSB1602 Datasheet HTML 16Page - STMicroelectronics STUSB1602 Datasheet HTML 17Page - STMicroelectronics STUSB1602 Datasheet HTML 18Page - STMicroelectronics STUSB1602 Datasheet HTML 19Page - STMicroelectronics STUSB1602 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
Features description
STUSB1602
16/55
DocID028319 Rev 2
As specified in the USB Type-C standard specification, the attached state “Attached.SRC” is
reached only if the voltage on the VBUS receptacle side is at vSafe0V condition when a
connection is detected.
“Type-C attached state” refers to the Type-C FSM states as defined in the USB Type-C
standard specification and as described in the I2C register CC_OPERATION_STATUS.
“VDD pin monitoring” is valid only in source power role. Activation of the UVLO and OVLO
threshold detections can be done through NVM programming (see Section 6: Start-up
configuration) and also by software through the I2C interface. When the UVLO and/or OVLO
threshold detection is activated, the VBUS_EN_SRC pin is asserted only if the device is
attached and the valid threshold conditions on VDD are met. Once the VBUS_EN_SRC pin
is asserted, the VBUS monitoring is done on VBUS_SENSE pin instead of the VDD pin.
“VBUS_SENSE pin monitoring” relies, by default, on a valid VBUS voltage range. The
voltage range condition can be disabled to consider UVLO threshold detection instead. The
monitoring condition of the VBUS voltage can be changed through NVM programming (see
Section 6: Start-up configuration) and also by software through the I2C interface. The
VBUS_EN_SRC pin is maintained asserted as long as the device is attached and a valid
voltage condition on the VBUS is met.
Table 7. Conditions for VBUS power path assertion in sink power role
Pin
Electrical
value
Operation conditions
Comment
Type-C attached
state
VDD pin
monitoring
VBUS_SENSE pin
monitoring
VBUS_EN_SNK
0
Attached.SNK
or
Debug
Accessory.SNK
Not applicable
VBUS is within valid
voltage range if
VBUS _VALID_RANGE
enabled
or
VBUS > UVLO if
VBUS _VALID_RANGE
disabled
The signal is
asserted
only if all the
valid
operation
conditions
are met
HiZ
Any other state
Not applicable
VBUS is out of valid
voltage range if
VBUS _VALID_RANGE
enabled
or
VBUS < UVLO if
VBUS _VALID_RANGE
disabled
The signal is
de-asserted
when at
least one
non valid
operation
condition is
met



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com