Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STUSB1602
Description  Power hubs and docking stations
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STUSB1602 Datasheet HTML 22Page - STMicroelectronics STUSB1602 Datasheet HTML 23Page - STMicroelectronics STUSB1602 Datasheet HTML 24Page - STMicroelectronics STUSB1602 Datasheet HTML 25Page - STMicroelectronics STUSB1602 Datasheet HTML 26Page - STMicroelectronics STUSB1602 Datasheet HTML 27Page - STMicroelectronics STUSB1602 Datasheet HTML 28Page - STMicroelectronics STUSB1602 Datasheet HTML 29Page - STMicroelectronics STUSB1602 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
I2C interface
STUSB1602
26/55
DocID028319 Rev 2
Figure 7. I²C timing diagram
5.3
I2C register map
Table 15. Register access legend
Access code
Expanded name
Description
RO
Read only
Register can be read only
R/W
Read/write
Register can be read or written
RC
Read and clear
Register can be read and is cleared after it is read
Table 16. STUSB1602 register map overview
Address
Register name
Access
Description
00h
to
0Ah
Reserved
RO
Do not use
0Bh
ALERT_STATUS
RC
Alerts register linked to transition registers
0Ch
ALERT_STATUS_MASK
R/W
Allows the interrupt mask on the
ALERT_STATUS register to be changed
0Dh
CC_DETECTION_STATUS_TRANS
RC
Alerts about transition in
CC_DETECTION_STATUS register
0Eh
CC_DETECTION_STATUS
RO
CC detection status
0Fh
TYPE_C_HANDSHAKE and
MONITORING_STATUS_TRANS
RC
Allows Type-C FSM to be synchronized with
software. Alerts about transition in
MONITORING_STATUS register
10h
MONITORING_STATUS
RO
Gives status on VBUS and VCONN voltage
monitoring
11h
CC_CONNECTION_STATUS
RO
CC connection status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com