Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STUSB1602
Description  Power hubs and docking stations
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STUSB1602 Datasheet HTML 5Page - STMicroelectronics STUSB1602 Datasheet HTML 6Page - STMicroelectronics STUSB1602 Datasheet HTML 7Page - STMicroelectronics STUSB1602 Datasheet HTML 8Page - STMicroelectronics STUSB1602 Datasheet HTML 9Page - STMicroelectronics STUSB1602 Datasheet HTML 10Page - STMicroelectronics STUSB1602 Datasheet HTML 11Page - STMicroelectronics STUSB1602 Datasheet HTML 12Page - STMicroelectronics STUSB1602 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
DocID028319 Rev 2
9/55
STUSB1602
Inputs/outputs
55
2.3.4
RESET
Active high reset
2.3.5
I²C interface pins
2.3.6
GND
Ground
2.3.7
MOSI
Master out slave in: data from the connected CC line are decoded using the BMC and then
transmitted via the STUSB1602 to the MCU. Data are valid on the falling edge of the SCLK
line and must be sampled by the MCU on this edge.
2.3.8
NSS
The chip select signal is driven by the STUSB1602 and is connected to the MCU. It
activates the SPI/MSP interface transfer. The NSS signal drives the MCU so that:
When TX_EN is asserted (TX mode), the STUSB1602 transmits data from the MCU
over the CC line. Note, the MCU must provide data to be encoded on the MISO line
which must be in synchrony with the SCLK.
When TX_EN is not asserted (RX mode, default), the CC line is activity detected, data
are received, and the BMC is decoded by the STUSB1602. Decoded data are sent on
the MOSI line in synchrony with the SCLK
2.3.9
MISO
Master in slave out: data from the MCU are encoded using the BMC and then transmitted
via the STUSB1602 to the connected CC line driver. Data are sampled by the STUSB1602
on the rising edge of the SCLK line and must be stable on this edge.
2.3.10
TX_EN
TX_EN is a control signal from the MCU to the STUSB1602. It enables the BMC control
logic that transfers data from the MCU serial interface, encodes it in BMC format, and drives
the connected CC line.
Note:
TX mode overrides RX mode.
Table 4. I2C interface pin list
Name
Description
SCL
I²C clock, need external pull-up
SDA
I²C data
, need external pull-up
ALERT#
I²C interrupt, need external pull-up
ADDR0
I²C device address bit (see Section 5: I2C interface)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com