Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STUSB1602
Description  Power hubs and docking stations
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STUSB1602 Datasheet HTML 9Page - STMicroelectronics STUSB1602 Datasheet HTML 10Page - STMicroelectronics STUSB1602 Datasheet HTML 11Page - STMicroelectronics STUSB1602 Datasheet HTML 12Page - STMicroelectronics STUSB1602 Datasheet HTML 13Page - STMicroelectronics STUSB1602 Datasheet HTML 14Page - STMicroelectronics STUSB1602 Datasheet HTML 15Page - STMicroelectronics STUSB1602 Datasheet HTML 16Page - STMicroelectronics STUSB1602 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
DocID028319 Rev 2
13/55
STUSB1602
Features description
55
3.2
BMC interface
Figure 3. BMC interface
3.2.1
BMC interface behavior
When a connection is established on the STUSB1602 (any attached state), the CC line
used for connection is also internally connected to BMC block which allows communication
on this line.
The CC line is primary managed by CC control logic. BMC communication on the CC line
must not interact with this control logic, as driving times of the line are short and are related
to denounce times of the CC logic.
The BMC block handles BMC encoding and decoding. It also handles CC line activity
detection, discharging the external MCU of such operations.
The default state of the BMC block is to listen to the line (RX mode). TX mode is enabled
only by assertion of the TX_EN signal via the external MCU.
3.2.2
TX mode
When the TX_EN signal is asserted via the MCU, the BMC block goes to the TX state:
•
The NSS signal is driven low, indicating to the SPI/MSP slave interface of the MCU that
data are being transmitted on the CC line. The MCU provides the data.
•
The STUSB1602 drives the NSS signal low, indicating to the SPI/MSP slave interface
of the MCU that data are requested on the MISO line.
•
The STUSB1602 clocks the SCLK signal
•
The MCU presents data to be transmitted on the MISO line and data are sampled on
the rising edge of SCLK (data must be stable on this edge).
•
Sampled data (from the MISO line) are encoded by the BMC, and the resulting values
drive the CC line according to USB PD standard.
When all data are transmitted, the MCU drives the TX_EN pin low, which signals the end of
transmission. The STUSB1602 ends transmission with a corresponding trailing edge
termination. It then goes back into to default state and releases the CC line from the BMC
driver to the pull-up/pull-down CC line interfaces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com