Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1602 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STUSB1602
Description  Power hubs and docking stations
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STUSB1602 Datasheet HTML 41Page - STMicroelectronics STUSB1602 Datasheet HTML 42Page - STMicroelectronics STUSB1602 Datasheet HTML 43Page - STMicroelectronics STUSB1602 Datasheet HTML 44Page - STMicroelectronics STUSB1602 Datasheet HTML 45Page - STMicroelectronics STUSB1602 Datasheet HTML 46Page - STMicroelectronics STUSB1602 Datasheet HTML 47Page - STMicroelectronics STUSB1602 Datasheet HTML 48Page - STMicroelectronics STUSB1602 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
DocID028319 Rev 2
45/55
STUSB1602
Electrical characteristics
55
8
Electrical characteristics
8.1
Absolute maximum ratings
All voltages are referenced to GND.
Table 28. Absolute maximum ratings
Symbol
Parameter
Value.
Unit
VDD
Supply voltage
28
V
VSYS
Supply voltage on VSYS pin
6
VCC1, VCC2
VCC1DB, VCC2DB
High voltage on CC pins
22
VVBUS_EN_SRC
VVBUS_EN_SNK
VVBUS_SENSE
High voltage on VBUS pins
28
VSCL, VSDA
VALERT#
VRESET
VA_B_SIDE
Operating voltage on I/O pins
-0.3 to 6
VCONN
VCONN voltage
6
TSTG
Storage temperature
-55 to 150
°C
TJ
Maximum junction temperature
145
ESD
HBM
4
kV
CDM
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com