Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1702 Datasheet (PDF) - STMicroelectronics

STUSB1702 Datasheet PDF - STMicroelectronics
Part # STUSB1702
Download  STUSB1702 Download
File Size   610.3 Kbytes
Page   38 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description USB Type-CTM source controller with TX/RX line driver and BMC

STUSB1702 Datasheet (PDF)

Go To PDF Page Download Datasheet
STUSB1702 Datasheet PDF - STMicroelectronics

Part # STUSB1702
Download  STUSB1702 Click to download

File Size   610.3 Kbytes
Page   38 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description USB Type-CTM source controller with TX/RX line driver and BMC

STUSB1702 Datasheet (HTML) - STMicroelectronics


STUSB1702 Product details

Features
• Type-C™ attach and cable orientation detection
• Power role support: source
• Integrated power switch for VCONN supply:
– programmable current limit up to 600 mA
– overcurrent, overvoltage, and thermal protection
– undervoltage lockout
• I²C interface and interrupt
• Integrated VBUS voltage monitoring
• Integrated VBUS and VCONN discharge path
• Integrated BMC transceiver
• VBUS switch gate driver
• Short-to-VBUS protection on CC pins (22 V) and VBUS pins (28 V)
• Accessory mode support
• Dual power supply (VSYS and/or VDD):
– VSYS = [3.0 V; 5.5 V]
– VDD = [4.1 V; 22 V]
• Temperature range: -40 °C up to 105 °C
• ESD: 4 kV HBM - 1.5 kV CDM
• AEC-Q100 qualified
• Compliant with:
– USB Type-C™ rev 1.2
– USB PD rev 2.0
• Compatible with:
– USB PD rev 3.0

Description
The STUSB1702 is a generic IC, in a 20 V technology it addresses a USB Type-C™
port management on the host side. It is designed for a broad range of applications
and can handle the following USB Type-C functions: attach detection, plug
orientation detection, host to device connection, VCONN support, and VBUS
configuration.
It also provides a USB PD TX/RX line driver and BMC (bi-phase mark coding)
transceiver which allow USB PD negotiation and an alternate mode through an
external MCU.

Applications
• Car charger, car infotainment
• Smart plugs, wall adapters, and chargers
• Power hubs and docking stations
• Any Type-C source device




Similar Part No. - STUSB1702

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STUSB1600 STMICROELECTRONICS-STUSB1600 Datasheet
1Mb / 69P
Power hubs and docking stations
November 2016 Rev 1
STUSB1602 STMICROELECTRONICS-STUSB1602 Datasheet
1Mb / 55P
Power hubs and docking stations
05-Apr-2017
STUSB1602 STMICROELECTRONICS-STUSB1602 Datasheet
614Kb / 39P
USB Type-C™ controller with TX/RX line driver and BMC
rev 2.0
STUSB1602 STMICROELECTRONICS-STUSB1602_V01 Datasheet
614Kb / 39P
USB Type-C™ controller with TX/RX line driver and BMC
rev 2.0
More results


Similar Description - STUSB1702

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9906DB2 SUTEX-HV9906DB2 Datasheet
287Kb / 4P
Off-Line Current Source Controller
HV9906DB4 SUTEX-HV9906DB4 Datasheet
218Kb / 3P
Off-Line Current Source Controller
logo
Texas Instruments
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
USB Type-C and USB PD Source Controller
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
USB Type-C and USB PD Source Controller
TPS25820 TI1-TPS25820 Datasheet
1Mb / 35P
TPS25821 USB Type-C 1.5-A Source Controller and Power Switch
TPS65994AD TI-TPS65994AD Datasheet
7Mb / 66P
TPS65994AD Dual Port USB Type-C and USB PD Controller with Integrated Source Power Switches
TPS25814 TI-TPS25814 Datasheet
3Mb / 46P
TPS25814 USB Type-C짰 Controller with Integrated Source Power Switch
TPS65994AE TI-TPS65994AE Datasheet
7Mb / 61P
TPS65994AE Dual Port USB Type-C짰 and USB PD Controller with Integrated Source Power Switches
logo
STMicroelectronics
STUSB1602 STMICROELECTRONICS-STUSB1602_V01 Datasheet
614Kb / 39P
USB Type-C™ controller with TX/RX line driver and BMC
rev 2.0
logo
ON Semiconductor
FUSB15101 ONSEMI-FUSB15101 Datasheet
496Kb / 22P
Programmable USBType-C and Power Delivery 3.1 Source Controller with PPS Support
June, 2022 - Rev. 0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com