Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1702 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STUSB1702
Description  USB Type-CTM source controller with TX/RX line driver and BMC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1702 Datasheet(HTML) 1 Page - STMicroelectronics

  STUSB1702 Datasheet HTML 1Page - STMicroelectronics STUSB1702 Datasheet HTML 2Page - STMicroelectronics STUSB1702 Datasheet HTML 3Page - STMicroelectronics STUSB1702 Datasheet HTML 4Page - STMicroelectronics STUSB1702 Datasheet HTML 5Page - STMicroelectronics STUSB1702 Datasheet HTML 6Page - STMicroelectronics STUSB1702 Datasheet HTML 7Page - STMicroelectronics STUSB1702 Datasheet HTML 8Page - STMicroelectronics STUSB1702 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Features
Type-C™ attach and cable orientation detection
Power role support: source
Integrated power switch for VCONN supply:
programmable current limit up to 600 mA
overcurrent, overvoltage, and thermal protection
undervoltage lockout
I²C interface and interrupt
Integrated VBUS voltage monitoring
Integrated VBUS and VCONN discharge path
Integrated BMC transceiver
VBUS switch gate driver
Short-to-VBUS protection on CC pins (22 V) and VBUS pins (28 V)
Accessory mode support
Dual power supply (VSYS and/or VDD):
VSYS = [3.0 V; 5.5 V]
VDD = [4.1 V; 22 V]
Temperature range: -40 °C up to 105 °C
ESD: 4 kV HBM - 1.5 kV CDM
AEC-Q100 qualified
Compliant with:
USB Type-C™ rev 1.2
USB PD rev 2.0
Compatible with:
USB PD rev 3.0
Applications
Car charger, car infotainment
Smart plugs, wall adapters, and chargers
Power hubs and docking stations
Any Type-C source device
Description
The STUSB1702 is a generic IC, in a 20 V technology it addresses a USB Type-C™
port management on the host side. It is designed for a broad range of applications
and can handle the following USB Type-C functions: attach detection, plug
orientation detection, host to device connection, VCONN support, and VBUS
configuration.
It also provides a USB PD TX/RX line driver and BMC (bi-phase mark coding)
transceiver which allow USB PD negotiation and an alternate mode through an
external MCU.
Maturity status link
STUSB1702
Device summary
Order code
STUSB1702YQTR
AEC-Q100
Yes
Package
QFN24 EP 4x4 mm
wettable flanks
Temp. range
- 40 °C up to 105 °C
Marking
1702Y
USB Type-C™ source controller with TX/RX line driver and BMC
STUSB1702
Datasheet
DS12664 - Rev 1 - July 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STUSB1702

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STUSB1600 STMICROELECTRONICS-STUSB1600 Datasheet
1Mb / 69P
Power hubs and docking stations
November 2016 Rev 1
STUSB1602 STMICROELECTRONICS-STUSB1602 Datasheet
1Mb / 55P
Power hubs and docking stations
05-Apr-2017
STUSB1602 STMICROELECTRONICS-STUSB1602 Datasheet
614Kb / 39P
USB Type-C™ controller with TX/RX line driver and BMC
rev 2.0
STUSB1602 STMICROELECTRONICS-STUSB1602_V01 Datasheet
614Kb / 39P
USB Type-C™ controller with TX/RX line driver and BMC
rev 2.0
More results

Similar Description - STUSB1702

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9906DB2 SUTEX-HV9906DB2 Datasheet
287Kb / 4P
Off-Line Current Source Controller
HV9906DB4 SUTEX-HV9906DB4 Datasheet
218Kb / 3P
Off-Line Current Source Controller
logo
Texas Instruments
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
USB Type-C and USB PD Source Controller
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
USB Type-C and USB PD Source Controller
TPS25820 TI1-TPS25820 Datasheet
1Mb / 35P
TPS25821 USB Type-C 1.5-A Source Controller and Power Switch
TPS65994AD TI-TPS65994AD Datasheet
7Mb / 66P
TPS65994AD Dual Port USB Type-C and USB PD Controller with Integrated Source Power Switches
TPS25814 TI-TPS25814 Datasheet
3Mb / 46P
TPS25814 USB Type-C짰 Controller with Integrated Source Power Switch
TPS65994AE TI-TPS65994AE Datasheet
7Mb / 61P
TPS65994AE Dual Port USB Type-C짰 and USB PD Controller with Integrated Source Power Switches
logo
STMicroelectronics
STUSB1602 STMICROELECTRONICS-STUSB1602_V01 Datasheet
614Kb / 39P
USB Type-C™ controller with TX/RX line driver and BMC
rev 2.0
logo
ON Semiconductor
FUSB15101 ONSEMI-FUSB15101 Datasheet
496Kb / 22P
Programmable USBType-C and Power Delivery 3.1 Source Controller with PPS Support
June, 2022 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com