Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1702 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STUSB1702
Description  USB Type-CTM source controller with TX/RX line driver and BMC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1702 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STUSB1702 Datasheet HTML 15Page - STMicroelectronics STUSB1702 Datasheet HTML 16Page - STMicroelectronics STUSB1702 Datasheet HTML 17Page - STMicroelectronics STUSB1702 Datasheet HTML 18Page - STMicroelectronics STUSB1702 Datasheet HTML 19Page - STMicroelectronics STUSB1702 Datasheet HTML 20Page - STMicroelectronics STUSB1702 Datasheet HTML 21Page - STMicroelectronics STUSB1702 Datasheet HTML 22Page - STMicroelectronics STUSB1702 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
Customization type
Parameter
Default value and description
I²Cregister
address
NVM/SW
VBUS_DISCHARGE_TIME_TO_0V
1010b: 840 ms discharge time
25h
NVM/SW
VBUS_DISCHARGE_TIME_TRANSITION 1010b: 200 ms discharge time
25h
NVM
VBUS_DISCHARGE_DISABLE
0b: enables VBUS discharge path
n. a.
NVM/SW
VDD_OVLO_DISABLE
0b: enables OVLO threshold detection on
VDD pin
2Eh
NVM/SW
VBUS_VALID_RANGE_DISABLE
0b: enables valid VBUS voltagerange
detection
2Eh
NVM/SW
VBUS_VSAFE0V_THRESHOLD
00b: VBUS vSafe0Vthreshold = 0.6 V
2Eh
NVM/SW
VDD_UVLO_DISABLE
1b: disables UVLO threshold detection on
VDD pin
2Eh
STUSB1702
Default start-up configuration
DS12664 - Rev 1
page 19/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com