Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1702 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STUSB1702
Description  USB Type-CTM source controller with TX/RX line driver and BMC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1702 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STUSB1702 Datasheet HTML 22Page - STMicroelectronics STUSB1702 Datasheet HTML 23Page - STMicroelectronics STUSB1702 Datasheet HTML 24Page - STMicroelectronics STUSB1702 Datasheet HTML 25Page - STMicroelectronics STUSB1702 Datasheet HTML 26Page - STMicroelectronics STUSB1702 Datasheet HTML 27Page - STMicroelectronics STUSB1702 Datasheet HTML 28Page - STMicroelectronics STUSB1702 Datasheet HTML 29Page - STMicroelectronics STUSB1702 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VTH0V
VBUS safe 0 V
threshold
(vSafe0V)
VSYS = 3.0 to 5.5 V
0.5
0.6
0.7
V
Programmable threshold
0.8
0.9
1
V
Programmable threshold from 0.6 V to 1.8 V
1.1
1.2
1.3
V
Default VTHOV = 0.6 V
1.7
1.8
1.9
V
RDISUSB
VBUS discharge
resistor
600
700
800
Ω
TDISUSB (1)
VBUS discharge
time to 0V
Default TDISPARAM = 840 ms, the coefficient TDISPARAM
is programmable by NVM
70
84
100
ms
VBUS discharge
time to PDO
Default TDISPARAM = 200 ms, the coefficient TDISPARAM
is programmable by NVM
20
24
28
VMONUSBH
VBUS monitoring
high voltage
threshold
VBUS = nominal target value, default VMONUSBH = VBUS
+10 %, the threshold limit is programmable by NVM
from +5 % to +20 %
VBUS +
10%
V
VMONUSBL
VBUS monitoring
low voltage
threshold
VBUS = nominal target value, default VMONUSBL = VBUS
-10 %, the threshold limit is programmable by NVM from
-20 % to -5 %
VBUS -
10%
V
Digital input/output (SCL, SDA, ALERT#, A_B_SIDE, MOSI, MISO, NSS, TX_EN, SCLK)
VIH
High level input
voltage
1.2
V
VIL
Low level input
voltage
0.35
V
VOL
Low level output
voltage
Ioh = 3 mA
0.4
V
20 V open drain outputs (VBUS_EN_SRC)
VOL
Low level output
voltage
Ioh = 3 mA
0.4
V
1. TDISPARAM
8.4
Thermal Information
Table 21. Thermal information
Symbol
Parameter
Value
Unit
RθJA
Junction to ambient thermal resistance
37
°C/W
RθJC
Junction to case thermal resistance
5
°C/W
STUSB1702
Thermal Information
DS12664 - Rev 1
page 26/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com