Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1702 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STUSB1702
Description  USB Type-CTM source controller with TX/RX line driver and BMC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1702 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STUSB1702 Datasheet HTML 19Page - STMicroelectronics STUSB1702 Datasheet HTML 20Page - STMicroelectronics STUSB1702 Datasheet HTML 21Page - STMicroelectronics STUSB1702 Datasheet HTML 22Page - STMicroelectronics STUSB1702 Datasheet HTML 23Page - STMicroelectronics STUSB1702 Datasheet HTML 24Page - STMicroelectronics STUSB1702 Datasheet HTML 25Page - STMicroelectronics STUSB1702 Datasheet HTML 26Page - STMicroelectronics STUSB1702 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
Connection
state
CC1
pin
CC2
pin
Type-C device state
CC_OPERATION_STATUS
register @11h
A_B_SIDE
pin
VCONN
supply
VBUS_EN_SRC
pin
CC_CONNECTION_STATUS
register @0Eh
Debug
accessory
mode
attached
sink role
Rd
≤Ra
OrientedDebug
Accessory.SRC
HiZ
OFF
0
6Dh
≤ Ra
Rd
0
OFF
0
6Dh
Audio
adapter
accessory
mode
attached
Ra
Ra
AudioAccessory
HiZ
OFF
HiZ
81h
The value of the CC1 and CC2 pins is defined from a termination perspective and corresponds to the termination
presented by the connected device. The CC_CONNECTION_STATUS register can report other values than the
one presented in table above. In this table, it reflects the state transitions in Type-C FSM that can be ignored from
the application stand point.
STUSB1702
USB Type-C typical applications
DS12664 - Rev 1
page 23/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com