Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1702 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STUSB1702
Description  USB Type-CTM source controller with TX/RX line driver and BMC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1702 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STUSB1702 Datasheet HTML 13Page - STMicroelectronics STUSB1702 Datasheet HTML 14Page - STMicroelectronics STUSB1702 Datasheet HTML 15Page - STMicroelectronics STUSB1702 Datasheet HTML 16Page - STMicroelectronics STUSB1702 Datasheet HTML 17Page - STMicroelectronics STUSB1702 Datasheet HTML 18Page - STMicroelectronics STUSB1702 Datasheet HTML 19Page - STMicroelectronics STUSB1702 Datasheet HTML 20Page - STMicroelectronics STUSB1702 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
5.3
I²C register map
Table 12. Register access legend
Access code
Expanded name
Description
RO
Read only
Register can be read only
R/W
Read /write
Register can be read or written
RC
Read and clear
Register can be read and is cleared after it is read
Table 13. STUSB1702 register map overview
Address
Register name
Access
Description
00h to 0Ah Reserved
RO
Do not use
0Bh
ALERT_STATUS
RC
Alerts register linked to transition registers
0Ch
ALERT_STATUS_MASK_CTRL
R/W
Allows the interrupt mask on the ALERT_STATUS register
to be changed
0Dh
CC_DETECTION_STATUS_TRANS
RC
Alerts about transition in CC_DETECTION_STATUS
register
0Eh
CC_DETECTION_STATUS
RO
CC detection status
0Fh
TYPE_C_HANDSHAKE and
MONITORING_STATUS_TRANS
RC
Allows Type-C FSM to be synchronized with software.
Alerts about transition in MONITORING_STATUS register
10h
MONITORING_STATUS
RO
Gives status on VBUS and VCONN voltage monitoring
11h
CC_CONNECTION_STATUS
RO
CC connection status
12h
HW_FAULT_STATUS_TRANS
RC
Alerts about transition in HW_FAULT_STATUS register
13h
HW_FAULT_STATUS
RO
Gives status on hardware faults
14h to 17h Reserved
RO
Do not use
18h
CC_CAPABILITY_STATUS_CTRL
R/W
Allows the CC capabilities to be changed
19h to 1Dh Reserved
RO
Do not use
1Eh
CC_VCONN_SWITCH_CTRL
R/W
Allows the current limit of VCONN power switches to be
changed
1Fh
TYPE_C_CTRL
R/W
Allows software to be synchronized with Type- C FSM
20h
VCONN_MONITORING_CTRL
R/W
Allows the monitoring conditions of VCONN voltage to be
changed
21h
VBUS_SELECT
R/W
Allows the DAC value related to the targeted VBUS voltage
to be changed
22h
VBUS_RANGE_MONITORING_CTRL
R/W
Allows the voltage range for VBUS monitoring to be
changed
23h
RESET_CTRL
R/W
Controls the device reset by software
25h
VBUS_DISCHARGE_TIME_CTRL
R/W
Allows the VBUS discharge time to be changed
26h
VBUS_DISCHARGE_CTRL
R/W
Controls the VBUS discharge path
27h
VBUS_ENABLE_STATUS
R/W
Gives status on VBUS power path activation
29h to 2Dh Reserved
RO
Do not use
2Eh
VBUS_MONITORING_CTRL
R/W
Allows the monitoring conditions of VBUS voltage to be
changed
2Fh
Reserved
RO
Do not use
STUSB1702
I²C register map
DS12664 - Rev 1
page 17/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com