Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1702 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STUSB1702
Description  USB Type-CTM source controller with TX/RX line driver and BMC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1702 Datasheet(HTML) 2 Page - STMicroelectronics

  STUSB1702 Datasheet HTML 1Page - STMicroelectronics STUSB1702 Datasheet HTML 2Page - STMicroelectronics STUSB1702 Datasheet HTML 3Page - STMicroelectronics STUSB1702 Datasheet HTML 4Page - STMicroelectronics STUSB1702 Datasheet HTML 5Page - STMicroelectronics STUSB1702 Datasheet HTML 6Page - STMicroelectronics STUSB1702 Datasheet HTML 7Page - STMicroelectronics STUSB1702 Datasheet HTML 8Page - STMicroelectronics STUSB1702 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
1
Functional description
The STUSB1702 is a USB Type-C controller IC. It is designed to interface with the Type-C receptacle on host
side. It is used to establish and manage the source-to-sink connection between two USB Type-C host and device
ports.
The STUSB1702 major role is to:
1.
Detect the connection between two USB Type-C ports (attach detection)
2.
Establish a valid source-to-sink connection
3.
Determine the attached device mode
4.
Resolve cable orientation and twist connections to establish USB data routing (MUX control)
5.
Configure and monitor VBUS power path
6.
Manage VBUS power capability: USB default, Type-C medium or Type-C high current mode
7.
Configure VCONN when required
8.
Support USB PD negotiation
The STUSB1702 also provides:
Low power standby mode
I²C interface and interrupt
Start-up configuration customization: static through NVM and/or dynamic through I²C
High voltage protection
Accessory mode detection
Figure 1. Functional block diagram
VREG_2V7
VDD
CC1GND
CC2GND
VCONN
VREG_1V2
GND
CC1
Power On
Reset
Controller
I2C Interface
&
Registers
NVM
VBUS_EN_SRC
VDD2V7
VDD1V2
RESET
CC2
RESET
A_B_SIDE
VBUS_SENSE
ALERT#
VSYS
Power Supply
Generation
VREG_1V2
VREG_2V7
SCL
SDA
VBUS Monitoring
& Control
I2C_REGx
Oscillator
CLK
I2C_REGx
I2C_REGx
VCONN Monitoring
& Power Switches
CC Control
Logic
RESET
VPU
VPU
High voltage pins
BMC
Transceiver
CC Lines
Interface
BMC
Clock Recovery
Tx Enc. / Rx Dec.
SCLK
MISO TX_EN
NSS
MOSI
STUSB1702
Functional description
DS12664 - Rev 1
page 2/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com