Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1702 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STUSB1702
Description  USB Type-CTM source controller with TX/RX line driver and BMC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1702 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STUSB1702 Datasheet HTML 2Page - STMicroelectronics STUSB1702 Datasheet HTML 3Page - STMicroelectronics STUSB1702 Datasheet HTML 4Page - STMicroelectronics STUSB1702 Datasheet HTML 5Page - STMicroelectronics STUSB1702 Datasheet HTML 6Page - STMicroelectronics STUSB1702 Datasheet HTML 7Page - STMicroelectronics STUSB1702 Datasheet HTML 8Page - STMicroelectronics STUSB1702 Datasheet HTML 9Page - STMicroelectronics STUSB1702 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
2.3.11
SCLK
The serial clock signal from the STUSB1702 drives the SPI/MSP interface of the MCU and the clock data on the
MISO and MOSI pins.
2.3.12
A_B_SIDE
This output pin provides cable orientation. It is used to establish USB SuperSpeed signal routing. The cable
orientation is also provided by an internal I²C register. This signal is not required in the case of USB 2.0 support.
Table 4. USB data MUX select
Value
CC pin position
HiZ
CC1 pin is attached to CC line
0
CC2 pin is attached to CC line
2.3.13
VBUS_SENSE
This input pin is used to sense VBUS presence, monitor VBUS voltage and discharge VBUS on USB Type-C
receptacle side.
2.3.14
VBUS_EN_SRC
In source power role, this pin allows the outgoing VBUS power to be enabled when the connection to a sink is
established and VBUS is in a valid operating range. The open drain output allows a PMOS transistor to be directly
driven. The logic value of the pin is also advertised in a dedicated I²C register bit.
2.3.15
VREG_1V2
This pin is used only for external decoupling of 1.2 V internal regulator. The recommended decoupling capacitor
is: 1 µF typ. (0.5 µF min.; 10 µF max.).
2.3.16
VSYS
This is the low power supply of the system, if there is any. It can be connected directly to a system power supply
delivering 3.3 V or 5 V. It is recommended to connect this pin to ground when it is not used.
2.3.17
VREG_2V7
This pin is used for external decoupling of the 2.7 V internal regulator. The recommended decoupling capacitor is:
1 µF typ. (0.5 µF min., 10 µF max.).
2.3.18
VDD
This is the power supply from the USB power line for applications powered by VBUS.
In source power role, this pin can be used to sense the voltage level of the main power supply providing the VBUS.
It allows UVLO and OVLO thresholds to be considered independently on the VDD pin as additional conditions to
enable the VBUS power path through the VBUS_EN_SRC pin (see Section 3.3.3 VBUS power path assertion).
When the UVLO threshold detection is enabled, the VDD pin must be connected to the main power supply to
establish the connection and to assert the VBUS power path.
STUSB1702
Pin description
DS12664 - Rev 1
page 6/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com