Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1702 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STUSB1702
Description  USB Type-CTM source controller with TX/RX line driver and BMC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1702 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STUSB1702 Datasheet HTML 7Page - STMicroelectronics STUSB1702 Datasheet HTML 8Page - STMicroelectronics STUSB1702 Datasheet HTML 9Page - STMicroelectronics STUSB1702 Datasheet HTML 10Page - STMicroelectronics STUSB1702 Datasheet HTML 11Page - STMicroelectronics STUSB1702 Datasheet HTML 12Page - STMicroelectronics STUSB1702 Datasheet HTML 13Page - STMicroelectronics STUSB1702 Datasheet HTML 14Page - STMicroelectronics STUSB1702 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Undervoltage and overvoltage protections
Reverse current and reverse voltage protections
Figure 4. VCONN to CC1 and CC2 power switch protections
Current limit programming
The current limit can be set within the range 100 mA to 600 mA by a step of 50 mA. The default current limit is
programmed through NVM programming (see Section 6 Start-up configuration) and can be changed by software
through the I²C interface. At power-on or after a reset, the current limit takes the default value preset in the NVM.
Fault management
The table below summarizes the different fault conditions that could occur during switch operation and the
associated responses. An I²C alert is generated when a fault condition happens.
Table 6. Fault management conditions
Fault types
Fault conditions
Expected actions
Short-circuit
CC output pin shorted to ground via
very low resistive path causing rapid
current surge
Power switch limits the current and reduces the output voltage. I²C
alert is asserted immediately thanks to VCONN_SW_OCP_FAULT
bits
Overcurrent
CC output pin connected to a load
that sinks current above programmed
limit
Power switch limits the current and reduces the output voltage. I²C
alert is asserted immediately thanks to VCONN_SW_OCP_FAULT
bits
Overheating
Junction temperature exceeding 145
°C due to any reason
Power switch is disabled immediately until the temperature falls
below 145 °C minus hysteresis of 15 °C. I²C alert is asserted
immediately thanks to THERMAL_FAULT bit. The STUSB1702 goes
into transient error recovery state
Undervoltage
VCONN input voltage drops below
UVLO threshold minus hysteresis
Power switch is disabled immediately until the input voltage rises
above the UVLO threshold. I²C alert is asserted immediately thanks
to VCONN_PRESENCE bit
Overvoltage
CC output pin voltage exceeds
maximum operating limit of 6.0 V
Power switch is opened immediately until the voltage falls below the
voltage limit. I²C alert is asserted immediately thanks to
VCONN_SW_OVP_FAULT bits
STUSB1702
VCONN supply
DS12664 - Rev 1
page 11/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com