Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1702 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STUSB1702
Description  USB Type-CTM source controller with TX/RX line driver and BMC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1702 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STUSB1702 Datasheet HTML 17Page - STMicroelectronics STUSB1702 Datasheet HTML 18Page - STMicroelectronics STUSB1702 Datasheet HTML 19Page - STMicroelectronics STUSB1702 Datasheet HTML 20Page - STMicroelectronics STUSB1702 Datasheet HTML 21Page - STMicroelectronics STUSB1702 Datasheet HTML 22Page - STMicroelectronics STUSB1702 Datasheet HTML 23Page - STMicroelectronics STUSB1702 Datasheet HTML 24Page - STMicroelectronics STUSB1702 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
7.2
USB Type-C typical applications
7.2.1
Source type application schematic
Figure 8. Typical STUSB1702 implementation in source type application
C2
1µF
GND
5V
SCL
SDA
R5
10K
A_B_Side
ALERT#
C1
10µF
R2
1K
VBUS
R1
10K
3V3
R6
10K
R7
10K
R8
10K
VI O
GND
C5
10µF
GND
To Super Speed M UX
GND
R4
10K
R9
10K
GND
VBUS
CC1
CC2
Type C connector
GND
Application
Processor
Power
STL9P3LLH6
STL9P3LLH6
Management
Unit
To GND/VIO
C3
1µF
C4
1µF
ADDR0
RESET
R12
100K
GND
D2
D1
GND
GND
R3
10K
24
VReg_2V7 23
VReg_1V2 21
A_B_SIDE
17
SCL
7
SDA
8
RESET
6
GND
10
CC2GND 5
CC2
4
CC1
2
CC1GND
1
VCONN
3
VBUS_SENSE 18
AL ERT#
9
EP
0
MOSI
11
NSS
12
ADDR0
13
MISO
14
TX_EN
15
SCLK
16
U1
STUSB1702
R11
10K
R10
10K
TX_EN
SCLK
NSS
MOSI
MI SO
GND
SSI
I²C
SPC5 PowerArchitecture
32-bit MCUs
VI O
Table 15. Default setting for a source type application
I²C register
address
I²C register field name
I²C register reset value/description
Customization type
0Eh
START_UP_POWER_MODE
0b: device starts in normal mode
NVM/SW
18h
CC_CURRENT_ADVERTISED
01b: 1.5 A
NVM/SW
18h
CC_VCONN_DISCHARGE_EN
0b: VCONN discharge disabled on CC pin
NVM/SW
18h
CC_VCONN_SUPPLY_EN
1b: VCONN supply capability enabled on CC
pin
NVM/SW
1Eh
CC_VCONN_SWITCH_ILIM
0000b: 350 mA
NVM/SW
20h
VCONN_MONITORING_EN
1b: enables UVLO threshold detection on
VCONN pin
SW
20h
VCONN_UVLO_THRESHOLD
0b: high UVLO threshold of 4.65 V
SW
22h
SHIFT_HIGH_VBUS_LIMIT_SOURCE
0101b: in source power role, shifts nominal
high voltage limit by +5% of VBUS
NVM/SW
22h
SHIFT_LOW_VBUS_LIMIT_SOURCE
0101b: in source power role, shifts nominal
low voltage limit by -5% of VBUS
NVM/SW
25h
VBUS_DISCHARGE_TIME_TO_0V
1010b: 840 ms discharge time
NVM/SW
25h
VBUS_DISCHARGE_TIME_TRANSITION 1010b: 200 ms discharge time
NVM/SW
26h
VBUS_DISCHARGE_EN
1b: enables the VBUS discharge path
NVM/SW
2Eh
VDD_OVLO_DISABLE
0b: enables OVLO threshold detection on
VDD pin
SW
STUSB1702
USB Type-C typical applications
DS12664 - Rev 1
page 21/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com