Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1702 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STUSB1702
Description  USB Type-CTM source controller with TX/RX line driver and BMC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1702 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STUSB1702 Datasheet HTML 5Page - STMicroelectronics STUSB1702 Datasheet HTML 6Page - STMicroelectronics STUSB1702 Datasheet HTML 7Page - STMicroelectronics STUSB1702 Datasheet HTML 8Page - STMicroelectronics STUSB1702 Datasheet HTML 9Page - STMicroelectronics STUSB1702 Datasheet HTML 10Page - STMicroelectronics STUSB1702 Datasheet HTML 11Page - STMicroelectronics STUSB1702 Datasheet HTML 12Page - STMicroelectronics STUSB1702 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
The valid VBUS voltage range is defined from the VBUS nominal voltage by a high threshold voltage and a low
threshold voltage whose nominal values are respectively VBUS +5% and VBUS -5%. The nominal threshold limits
can be shifted by a fraction of VBUS from +1% to +15% for the high threshold voltage and from -1% to -15% for
the low threshold voltage. This means the threshold limits can vary from VBUS +5% to VBUS +20% for the high
limit and from VBUS-5% to VBUS -20% for the low limit.
The threshold limits are preset by default in NVM (see Section 8.3 Electrical and timing characteristics). The
threshold limits can be changed independently through NVM programming (see Section 6 Start-up configuration)
and also by software during attachment through the I²C interface.
3.3.2
VBUS discharge
The monitoring block also handles the internal VBUS discharge path connected to the VBUS_SENSE pin. The
discharge path is activated at detachment, or when the device goes into the error recovery state whatever the
power role (see Section 3.6 Hardware fault management).
The VBUS discharge path is enabled by default in NVM and can be disabled through NVM programming only (see
Section 6 Start-up configuration). The discharge time duration is also preset by default in NVM (see Section
8.3 Electrical and timing characteristics). The discharge time duration can be changed through NVM programming
(see Section 6 Start-up configuration) and also by software through the I²C interface.
3.3.3
VBUS power path assertion
The STUSB1702 can control the assertion of the VBUS power path on the USB Type-C port, directly or indirectly,
through the VBUS_EN_SRC pin.
The tables below summarize the configurations of the STUSB1702 and the operation conditions that determine
the electrical value of the VBUS_EN_SRC pin during system operations.
Table 5. Conditions for VBUS power path assertion in source power role
Pin
Electrical
value
Operation conditions
Comment
Type-C attached
state
VDD pin
monitoring
VBUS_SENSE pin monitoring
VBUS_EN_SRC
0
Attached.SRC or
UnorientedDebug
Accessory.SRC or
OrientedDebug
Accessory.SRC
VDD > UVLO if
VDD_UVLO
enabled and/or
VDD < OVLO if
VDD_OVLO
enabled
VBUS is within valid voltage
range if
VBUS_VALID_RANGE
enabled or
VBUS > UVLO if VBUS
_VALID_RANGE disabled
The signal is
asserted only if
all the valid
operation
conditions are
met
HiZ
Any other state
VDD < UVLO if
VDD_UVLO
enabled and/or
VDD > OVLO if
VDD_OVLO
enabled
VBUS is out ofvalid voltage
range if
VBUS_VALID_RANGE
enabled or
VBUS < UVLO if VBUS
_VALID_RANGE disabled
The signal is de-
asserted when
at least one non
valid operation
condition is met
As specified in the USB Type-C standard specification, the attached state “Attached.SRC” is reached only if the
voltage on the VBUS receptacle side is at vSafe0V condition when a connection is detected.
“Type-C attached state” refers to the Type-C FSM states as defined in the USB Type-C standard specification and
as described in the I²C register CC_OPERATION_STATUS.
“VDD pin monitoring” is valid only in source power role. Activation of the UVLO and OVLO threshold detections
can be done through NVM programming (see Section 6 Start-up configuration) and also by software through the
I²C interface. When UVLO and/or OVLO threshold detection is activated, VBUS_EN_SRC pin is asserted only if
the device is attached and the valid threshold conditions on VDD are met. Once the VBUS_EN_SRC pin is
asserted, the VBUS monitoring is done on VBUS_SENSE pin instead of the VDD pin.
STUSB1702
VBUS power path control
DS12664 - Rev 1
page 9/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com