Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1702 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STUSB1702
Description  USB Type-CTM source controller with TX/RX line driver and BMC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1702 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STUSB1702 Datasheet HTML 8Page - STMicroelectronics STUSB1702 Datasheet HTML 9Page - STMicroelectronics STUSB1702 Datasheet HTML 10Page - STMicroelectronics STUSB1702 Datasheet HTML 11Page - STMicroelectronics STUSB1702 Datasheet HTML 12Page - STMicroelectronics STUSB1702 Datasheet HTML 13Page - STMicroelectronics STUSB1702 Datasheet HTML 14Page - STMicroelectronics STUSB1702 Datasheet HTML 15Page - STMicroelectronics STUSB1702 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Fault types
Fault conditions
Expected actions
Reverse current
CC output pin voltage exceeds
VCONN input voltage when the power
switch is turned off
The reverse biased body diode of the back- to-back MOS switches is
naturally disabled preventing current from flowing from CC output pin
to the input
Reverse voltage
CC output pin voltage exceeds
VCONN input voltage of more than
0.35 V for 5 V when the power switch
is turned on
Power switch is opened immediately until the voltage difference falls
below the voltage limit. I²C alert is asserted immediately thanks to
VCONN_SW_RVP_FAULT bits
3.5
High voltage protection
The STUSB1702 can be safely used in systems or connected to systems that handle high voltage on the VBUS
power path. The device integrates an internal circuitry on the CC pins that tolerates high voltages and ensures
protection up to 22 V in case of unexpected short-circuits with the VBUS or in the case of a connection to a device
supplying high voltage on the VBUS.
3.6
Hardware fault management
The STUSB1702 handles hardware fault conditions related to the device itself and to the VBUS power path during
system operation.
When such conditions occur, the circuit goes into a transient error recovery state named ErrorRecovery in the
Type-C FSM. In this state, the device de-asserts the VBUS power path by disabling the VBUS_EN_SRC pin and it
removes the terminations from the CC pins during several tens of milliseconds. Then, it goes to the unattached
source state.
The STUSB1702 goes into error recovery state when at least one condition listed below is met:
If an overtemperature is detected, the “THERMAL_FAULT” flag is asserted
If an internal pull-up voltage on the CC pins is below the UVLO threshold, the “VPU_VALID” flag is asserted
If an overvoltage is detected on the CC pins, the “VPU_OVP_FAULT” flag is asserted
If the VBUS voltage is out of the valid voltage range during attachment, the “VBUS_VALID” flag is asserted
If an undervoltage is detected on the VDD pin during attachment when UVLO detection is enabled, the
“VDD_UVLO_DISABLE” flag is asserted
If an overvoltage is detected on the VDD pin during attachment when OVLO detection is enabled, the
“VDD_OVLO_DISABLE” flag is asserted
The I²C register bits mentioned above give either the state of the hardware fault when it occurs or the setting
condition to detect the hardware fault.
3.7
Accessory mode detection
The STUSB1702 supports the detection of audio accessory mode and debug accessory mode as defined in the
USB Type-C standard specification with the following Type-C power modes (see Section 6 Start-up configuration):
Source power role with accessory support
3.7.1
Audio accessory mode detection
The STUSB1702 detects an audio accessory device when both CC1 and CC2 pins are pulled down to ground by
an Ra resistor from the connected device. The audio accessory detection is advertised through the
CC_ATTACHED_MODE bits of the I²C register CC_CONNECTION_STATUS.
3.7.2
Debug accessory mode detection
The STUSB1702 detects a connection to a debug and test system (DTS). The debug accessory detection is
advertised through the CC_ATTACHED_MODE bits of the I²C register CC_CONNECTION_STATUS.
In source power role, a debug accessory device is detected when both the CC1 and CC2 pins are pulled
down to ground by an Rd resistor from the connected device. The orientation detection is performed in two
STUSB1702
High voltage protection
DS12664 - Rev 1
page 12/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com